Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF103 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # SF103
Description  SUPER FAST RECOVERY SILICON DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

SF103 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  SF103 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dated : 02/05/2003
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
SF101~SF107
SUPER FAST RECOVERY SILICON DIODES
Reverse Voltage – 50 to 1000 Volts
Forward Current – 1.0 Ampere
Features
•
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0.
•
Void free moulded plastic technique
•
Fast switching for high efficiency
•
High forward surge current capability
•
High temperature soldering:250℃/10s,
0.375”(9.5mm) lead length, 5lbs(2.3Kg) tension
Mechanical Data
• Case: DO-41 plastic moulded
• Terminals: Lead –Tin plated axial leads, solderable
per MIL-STD-750, method 2026
• Polarity: Colored band (silver) denotes cathode
• Mounting position: Any
Absolute Maximum Ratings and Characteristics
Rating at 25℃ ambient temperature unless otherwise specified.
Symbols SF101 SF102 SF103 SF104 SF105 SF106 SF107 Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward
Rectified Current 0.375” Lead Length at TA = 50
OC
I(AV)
1.0
A
Peak Forward Surge Current
8.3ms single half sine-wave superimposed on
rated load (MIL-STD-750D 4065 method)
IFSM
30
A
Maximum Forward Voltage at 1.0A
VF
1.0
1.25
1.4
V
Maximum DC Reverse Current at Ta = 25
OC
at Rated DC Blocking Voltage at Ta = 125
OC
IR
5.0
400
uA
Maximum Time of Reverse Recovery (note1)
Trr
35
nS
Typical Junction Capacitance(note2)
Cj
22
pF
Typical Thermal Resistance(note3)
Rja
50
OC/W
Operating Junction Temperature
Tj
-55 to +150
OC
Storage Temperature Range
Ts
-55 to +150
OC
Notes: 1.Rverse recovery test conditions: IF = 0.5A, IR = 1.0A, Irr = 0.25A.
2.Measured at 1.0MHz and applied reverse voltage of 4.0V
3.Thermal resistance from junction ambient and from junction to lead at 9.5mm lead length, P.C.B mounted.


Similar Part No. - SF103

ManufacturerPart #DatasheetDescription
logo
Surge Components
SF103 SURGE-SF103 Datasheet
81Kb / 2P
SUPERFAST RECOVERY RECTIFIER VOLTAGE - 50 - 600 Volts CURRENT - 1.0 Amperes???
logo
Won-Top Electronics
SF103 WTE-SF103 Datasheet
47Kb / 3P
1.0A SOFT FAST RECOVERY RECTIFIER
logo
Shanghai Lunsure Electr...
SF103 CHENYI-SF103 Datasheet
151Kb / 2P
SUPER FAST RECTIFIER
logo
GOOD-ARK Electronics
SF103 GOOD-ARK-SF103 Datasheet
174Kb / 2P
SUPER FAST RECOVERY RECTIFIER
logo
Jinan Jingheng (Group) ...
SF103 JINANJINGHENG-SF103 Datasheet
88Kb / 2P
SUPER FAST RECTIFIER
More results

Similar Description - SF103

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RM35HG-34S MITSUBISHI-RM35HG-34S Datasheet
22Kb / 2P
Super Fast Recovery Diodes
logo
Rohm
RFU5TF6S ROHM-RFU5TF6S Datasheet
164Kb / 1P
Super Fast Recovery Diodes
RFUS20NS4S ROHM-RFUS20NS4S Datasheet
191Kb / 1P
Super Fast Recovery Diodes
logo
EIC discrete Semiconduc...
BYW98-50S EIC-BYW98-50S Datasheet
50Kb / 2P
SUPER FAST RECOVERY DIODES
logo
GeneSiC Semiconductor, ...
MUR7040 GENESIC-MUR7040 Datasheet
447Kb / 3P
Silicon Super Fast Recovery Diode
MUR30040CT GENESIC-MUR30040CT Datasheet
380Kb / 3P
Silicon Super Fast Recovery Diode
logo
Guangdong Kexin Industr...
MUR105F KEXIN-MUR105F Datasheet
1Mb / 3P
Super Fast Recovery Diodes
logo
SUNMATE electronic Co.,...
SF81 SUNMATE-SF81 Datasheet
425Kb / 2P
SUPER FAST RECOVERY RECTIFIER DIODES
SF1010 SUNMATE-SF1010 Datasheet
354Kb / 2P
SUPER FAST RECOVERY RECTIFIER DIODES
logo
New Jersey Semi-Conduct...
BYW98-50S NJSEMI-BYW98-50S Datasheet
150Kb / 2P
SUPER FAST RECOVERY DIODES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com