Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES3C Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # ES3C
Description  SURFACE MOUNT SUPER FAST RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ES3C Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  ES3C Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ES3C Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 01/06/2006 E
R
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
ES3A THRU ES3M
SURFACE MOUNT SUPER FAST RECTIFIERS
Reverse Voltage – 50 to 1000 V
Forward Current – 3 A
Features
• High current capability
• High surge current capability
• High reliability
• Low reverse current
• Low forward voltage drop
• Super fast recovery time
Mechanical Data
• Case: DO-214AB (SMC) molded plastic body
• Epoxy: UL 94V-0 rate flame retardant
• Lead: Lead formed for surface mount
• Mounting Position: Any
Maximum Ratings and Electrical Characteristics
Ratings at 25 OC ambient temperature unless otherwise specified. Single phase, half-wave, 60 Hz, resistive or
inductive load, for capacitive load derate current by 20%.
Parameter
Symbols ES3A ES3B ES3C ES3D ES3F ES3G ES3J ES3K ES3M Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
150
200
300
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
600
800
1000
V
Maximum Average Forward Current
IF(AV)
3
A
Peak Peak Forward Surge Current, 8.3 ms Single Half
Sine-Wave Superimposed on Rated Load (JEDEC
Method)
IFSM
100
A
Maximum Forward Voltage at IF = 3 A
VF
0.95
1.3
1.7
V
Maximum DC Reverse Current
TA = 25 OC
at Rated DC Blocking Voltage
TA = 100 OC
IR
10
500
µA
Maximum Reverse Recovery Time
1)
trr
35
ns
Typical Junction Capacitance
2)
CJ
50
40
pF
Junction Temperature Range
Tj
- 55 to + 150
O
C
Storage temperature range
Ts
- 55 to + 150
O
C
1) Reverse recovery test conditions: IF = 0.5 A, IR = 1 A, Irr = 0.25 A
2) Measured at 1 MHz and applied reverse voltage of 4 V D.C.


Similar Part No. - ES3C

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ES3C DIODES-ES3C Datasheet
46Kb / 2P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS14003 Rev. E1-2
logo
Fuji Electric
ES3C FUJI-ES3C Datasheet
723Kb / 1P
3 AMP SURFACE MOUNT GLASS SUPER FAST RECOVERY RECTIFIER
logo
General Semiconductor
ES3C GE-ES3C Datasheet
68Kb / 2P
SURFACE MOUNT ULTRAFAST EFFICIENT PLASTIC RECTIFIER
logo
Taiwan Semiconductor Co...
ES3C TSC-ES3C Datasheet
56Kb / 2P
3.0 AMPS. Super Fast Surface Mount Rectifiers
ES3C TSC-ES3C Datasheet
273Kb / 2P
3.0 AMPS. Surface Mount Super Fast Rectifiers
More results

Similar Description - ES3C

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SS5A EIC-SS5A Datasheet
41Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIERS
logo
SynSemi, Inc.
MURA130 SYNSEMI-MURA130 Datasheet
44Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIERS
logo
Weitron Technology
ES2A WEITRON-ES2A Datasheet
45Kb / 2P
Surface Mount Super Fast Rectifiers
logo
EIC discrete Semiconduc...
SS3A EIC-SS3A_05 Datasheet
43Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIERS
logo
Weitron Technology
ES3AB WEITRON-ES3AB_11 Datasheet
191Kb / 3P
Surface Mount Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
SFAS801G TSC-SFAS801G_14 Datasheet
385Kb / 4P
Surface Mount Super Fast Rectifiers
logo
GOOD-ARK Electronics
ES2AA GOOD-ARK-ES2AA_15 Datasheet
407Kb / 2P
super fast surface mount rectifiers
logo
Anova Technologies CO.,...
ES3B ANOVA-ES3B Datasheet
296Kb / 2P
Surface Mount Super Fast Rectifiers
logo
ON Semiconductor
US2AA ONSEMI-US2AA Datasheet
246Kb / 5P
Super Fast Surface Mount Rectifiers
February, 2021 ??Rev. 4
US1AFA ONSEMI-US1AFA Datasheet
204Kb / 5P
Super Fast Surface Mount Rectifiers
January, 2021 ??Rev. 3
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com