Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC1004 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # KBPC1004
Description  SINGLE-PHASE SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

KBPC1004 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  KBPC1004 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. KBPC1004 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 16/07/2006
H
R
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
KBPC10005~KBPC1010
SINGLE-PHASE SILICON BRIDGE RECTIFIERS
REVERSE VOLTAGE: 50 V to 1000 V
FORWARD CURRENT: 10 A
Features
• Reliable low cost construction
• Ideal for printed circuit board
• Low forward voltage drop
• Low reverse leakage current
• High surge current capability
Mechanical Data
• Case: KBPC
Absolute Maximum Ratings and Characteristics
Rating at 25 OC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Parameter
Symbol
KBPC
10005
KBPC
1001
KBPC
1002
KBPC
1004
KBPC
1006
KBPC
1008
KBPC
1010
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Current at TC = 50 OC
I(AV)
10
A
Peak Forward Surge Current, 8.3 ms Single Half
Sine-wave Superimposed on Rated Load (JEDEC)
IFSM
200
A
Maximum Forward Voltage at 5 A DC and 25 OC
VF
1.2
V
Maximum Reverse Current at TA = 25 OC
at Rated DC Blocking Voltage TA = 100 OC
IR
10
500
µA
Typical Junction Capacitance
1)
CJ
200
pF
Typical Thermal Resistance
2)
RθJA
25
O
C/W
Typical Thermal Resistance
3)
RθJC
5
O
C/W
Operating and Storage Temperature Range
TJ,TS
- 55 to + 125
O
C
1) Measured at 1 MHz and applied reverse voltage of 4 VDC.
2) Unit mounted on 8.6 X 8.6 X 0.24" thick (22 X 22 X 0.6 cm) Al, Plate.
3) Unit mounted on P.C.B. at 0.375" (9.5 mm) lead length with 0.5 x 0.5" (12 x 12 mm) copper pads.
KBPC


Similar Part No. - KBPC1004

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC1004 WTE-KBPC1004 Datasheet
47Kb / 3P
10A HIGH CURRENT BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBPC1004 JGD-KBPC1004 Datasheet
124Kb / 2P
SINGLE PHASE 10 AMPS. SILICON BRIDGE RECTIFIERS
logo
Semtech Corporation
KBPC1004 SEMTECH-KBPC1004 Datasheet
215Kb / 2P
10A/15A/25A/35A SINGLE - PHASE SILICON BRIDGE?
logo
Shanghai Sunrise Electr...
KBPC1004 SSE-KBPC1004 Datasheet
14Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC1004 CHENYI-KBPC1004 Datasheet
145Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - KBPC1004

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
2W005M SEMTECH_ELEC-2W005M Datasheet
129Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIERS
KBL005 SEMTECH_ELEC-KBL005 Datasheet
259Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIERS
KBPC10005W SEMTECH_ELEC-KBPC10005W Datasheet
329Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIERS
RS801 SEMTECH_ELEC-RS801 Datasheet
246Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
RS10 CHENG-YI-RS10 Datasheet
145Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIERS
logo
Frontier Electronics.
BU6-005F FRONTIER-BU6-005F Datasheet
121Kb / 2P
6A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
logo
Shenzhen Luguang Electr...
KBL4005 LUGUANG-KBL4005 Datasheet
258Kb / 2P
Single Phase 4.0AMP. Silicon Bridge Rectifiers
logo
Rugao Dachang Electroni...
GBP201G DACHANG-GBP201G Datasheet
278Kb / 2P
Single phase Silicon Bridge Rectifiers
GBP301G DACHANG-GBP301G Datasheet
284Kb / 2P
Single phase Silicon Bridge Rectifiers
logo
New Jersey Semi-Conduct...
KBL005 NJSEMI-KBL005 Datasheet
83Kb / 1P
SINGLE - PHASE SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com