Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDG22 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # CDG22
Description  SILICON PLANAR BIASING DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

CDG22 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  CDG22 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dated : 22/06/2007
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
CDG22...CDG26
SILICON PLANAR BIASING DIODES
The biasing diode is a silicon glass diode suitable for
use as general purpose biasing diode.
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Breakdown Voltage
BV
4
V
Power Dissipation
PD
250
mW
Operating Temperature Range
Topr
- 65 to + 175
O
C
Storage Temperature Range
TS
- 65 to + 200
O
C
Characteristics at Ta = 25 OC unless otherwise noted
Parameter
Symbol
Min.
Max.
Unit
Forward Voltage
at IF = 2 mA
CDG22
CDG23
CDG24
CDG25
CDG26
VF
520
595
615
635
660
600
625
645
665
700
mV
mV
mV
mV
mV
Reverse Current
at VR = 4 V
at VR = 4 V, Ta = 65 OC
IR
-
-
0.1
2
µA
Max. 3.9
Max. 1.9
Glass Case DO-35
Max. 0.5
Min. 27.5
Min. 27.5
XXX
Cathode Band
Part No.
ST
"ST" Brand
Dimensions in mm
Black
Black
Black


Similar Part No. - CDG22

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
CDG22 SEMTECH-CDG22 Datasheet
50Kb / 1P
SILICON PLANAR BIASING DIODE
More results

Similar Description - CDG22

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BA282 VISHAY-BA282 Datasheet
34Kb / 3P
Silicon Planar Diodes
01-Apr-99
BA682 VISHAY-BA682 Datasheet
46Kb / 3P
Silicon Planar Diodes
16-Mar-06
BA982 VISHAY-BA982 Datasheet
48Kb / 3P
Silicon Planar Diodes
01-Apr-99
BAQ133 VISHAY-BAQ133 Datasheet
51Kb / 3P
Silicon Planar Diodes
31-Jul-12
BAQ33 VISHAY-BAQ33 Datasheet
48Kb / 3P
Silicon Planar Diodes
09-Dec-05
BAQ333 VISHAY-BAQ333 Datasheet
54Kb / 4P
Silicon Planar Diodes
01-Aug-12
BAS33 VISHAY-BAS33 Datasheet
35Kb / 3P
Silicon Planar Diodes
01-Apr-99
logo
Semtech Corporation
CDG22 SEMTECH-CDG22 Datasheet
50Kb / 1P
SILICON PLANAR BIASING DIODE
logo
Diotec Semiconductor
1N4148 DIOTEC-1N4148 Datasheet
171Kb / 2P
Silicon Planar Diodes
BAV18 DIOTEC-BAV18 Datasheet
169Kb / 2P
Silicon-Planar-Diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com