Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC02A Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC02A
Description  QUADRUPLE 2-INPUT POSITIVE-NOR GATES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC02A Datasheet(HTML) 4 Page - Texas Instruments

  SN74LVC02A Datasheet HTML 1Page - Texas Instruments SN74LVC02A Datasheet HTML 2Page - Texas Instruments SN74LVC02A Datasheet HTML 3Page - Texas Instruments SN74LVC02A Datasheet HTML 4Page - Texas Instruments SN74LVC02A Datasheet HTML 5Page - Texas Instruments SN74LVC02A Datasheet HTML 6Page - Texas Instruments SN74LVC02A Datasheet HTML 7Page - Texas Instruments SN74LVC02A Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SN54LVC02A, SN74LVC02A
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SCAS280I – JANUARY 1993 – REVISED OCTOBER 1998
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
V
SN54LVC02A
SN74LVC02A
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
IOH = 100 µA
1.65 V to 3.6 V
VCC–0.2
IOH = –100 µA
2.7 V to 3.6 V
VCC–0.2
IOH = –4 mA
1.65 V
1.2
VOH
IOH = –8 mA
2.3 V
1.7
V
IOH =12 mA
2.7 V
2.2
2.2
IOH = –12 mA
3 V
2.4
2.4
IOH = –24 mA
3 V
2.2
2.2
IOL = 100 µA
1.65 V to 3.6 V
0.2
IOL = 100 µA
2.7 V to 3.6 V
0.2
VOL
IOL = 4 mA
1.65 V
0.45
V
VOL
IOL = 8 mA
2.3 V
0.7
V
IOL = 12 mA
2.7 V
0.4
0.4
IOL = 24 mA
3 V
0.55
0.55
II
VI = 5.5 V or GND
3.6 V
±5
±5
µA
ICC
VI = VCC or GND,
IO = 0
3.6 V
10
10
µA
∆ICC
One input at VCC – 0.6 V,
Other inputs at VCC or GND
2.7 V to 3.6 V
500
500
µA
Ci
VI = VCC or GND
3.3 V
5
5
pF
† All typical values are at VCC = 3.3 V, TA = 25°C.
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Figure 3)
SN54LVC02A
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 2.7 V
VCC = 3.3 V
± 0.3 V
UNIT
MIN
MAX
MIN
MAX
tpd
A or B
Y
5.4
1
4.4
ns
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Figures 1 through 3)
SN74LVC02A
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 1.8 V
VCC = 2.5 V
± 0.2 V
VCC = 2.7 V
VCC = 3.3 V
± 0.3 V
UNIT
TYP
MIN
MAX
MIN
MAX
MIN
MAX
tpd
A or B
Y
13.4
1
7.4
5.4
1
4.4
ns
tsk(o)‡
1
ns
‡ Skew between any two outputs of the same package switching in the same direction
operating characteristics, TA = 25°C
PARAMETER
TEST
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
UNIT
PARAMETER
CONDITIONS
TYP
TYP
TYP
UNIT
Cpd
Power dissipation capacitance per gate
f = 10 MHz
7.5
8.5
9.5
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com