Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCW30 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # BCW30
Description  PNP Silicon Epitaxial Planar Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BCW30 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  BCW30 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dated : 24/08/2007
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
BCW30
PNP Silicon Epitaxial Planar Transistor
general purpose switching and amplification
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Collector Base Voltage
-VCBO
32
V
Collector Emitter Voltage
-VCEO
32
V
Emitter Base Voltage
-VEBO
5
V
Collector Current
-IC
100
mA
Peak Collector Current
-ICM
200
mA
Power Dissipation
Ptot
200
mW
Junction Temperature
Tj
150
O
C
Storage Temperature Range
TS
- 55 to + 150
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Typ.
Max.
Unit
DC Current Gain
at -VCE = 5 V, -IC = 2 mA
hFE
215
-
500
-
Collector Cutoff Current
at -VCB = 30 V
-ICBO
-
-
100
nA
Emitter Cutoff Current
at -VEB = 5 V
-IEBO
-
-
100
nA
Collector Base Breakdown Voltage
at -IC = 10 µA
-V(BR)CBO
32
-
-
V
Collector Emitter Breakdown Voltage
at -IC = 1 mA
-V(BR)CEO
32
-
-
V
Emitter Base Breakdown Voltage
at -IE = 10 µA
-V(BR)EBO
5
-
-
V
Collector Emitter Saturation Voltage
at -IC = 10 mA, -IB = 0.5 mA
-VCE(sat)
-
-
0.3
V
Base Emitter Voltage
at -VCE = 5 V, -IC = 2 mA
-VBE
0.6
-
0.75
V
Transition Frequency
at -VCE = 5 V, IE = 10 mA, f = 100 MHz
fT
100
-
-
MHz
Collector Base Capacitance
at -VCB = 10 V, f = 1 MHz
CCBO
-
4.5
-
pF
SOT-23 Plastic Package


Similar Part No. - BCW30

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCW30 PHILIPS-BCW30 Datasheet
42Kb / 8P
PNP general purpose transistors
1999 Apr 13
logo
STMicroelectronics
BCW30 STMICROELECTRONICS-BCW30 Datasheet
37Kb / 4P
SMALL SIGNAL PNP TRANSISTORS
Oct-1997
logo
Samsung semiconductor
BCW30 SAMSUNG-BCW30 Datasheet
32Kb / 1P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BCW30 FAIRCHILD-BCW30 Datasheet
24Kb / 2P
PNP General Purpose Amplifier
logo
KEC(Korea Electronics)
BCW30 KEC-BCW30 Datasheet
127Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
More results

Similar Description - BCW30

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR532H AUK-SUR532H Datasheet
235Kb / 3P
Epitaxial planar PNP silicon transistor
SUR546J AUK-SUR546J Datasheet
229Kb / 3P
Epitaxial planar PNP silicon transistor
SUR550J AUK-SUR550J Datasheet
229Kb / 3P
Epitaxial planar PNP silicon transistor
logo
Continental Device Indi...
CMBT857 CDIL-CMBT857 Datasheet
115Kb / 3P
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GI5706 GTM-GI5706 Datasheet
948Kb / 3P
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
PNP Epitaxial Planar Silicon Transistor
logo
SHENZHEN YONGERJIA INDU...
A92 WINNERJOIN-A92 Datasheet
207Kb / 4P
PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com