Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN2Z Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # RN2Z
Description  SILICON RECTIFIER DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

RN2Z Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  RN2Z Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dated : 23/06/2003
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, acompany
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
RN2Z
SILICON RECTIFIER DIODE
Forward Current – 2.0 Ampere
Features
• For pulse rectification applications
Mechanical Data
• Case: Resin molded
Absolute Maximum Ratings and Characteristics
Symbols
Rating
Units
Transient Peak Reverse Voltage
VRSM
200
V
Peak Reverse Voltage
VRM
200
V
Average Forward Current
at TC = 125
OC
IF(AV)
2
A
Peak Surge Forward Current
10mS Single Half Sine
IFSM
70
A
Junction Temperature
Tj
-40 to +150
OC
Storage Temperature Range
TS
-40 to +150
OC
Characteristics ( Ta=25
oC,unless otherwise specified )
Symbol
Value(max.)
Unit
Forward Voltage Drop
at IF=2A
VF
0.92
V
Reverse Leakage Current
at VR=VRM
IR
50
µA
Reverse Leakage Current Under High Temperature
at VR=VRM,, Tj=150
oC
HIR
4
mA
Reverse Recovery Time, Recovery point 90%
at IF=IRP=100mA
Trr-1
100
nS
Reverse Recovery Time, Recovery point 75%
at IF=100Ma,IRP=200mA
Trr-2
50
nS
Thermal Resistance
Between Junction and Lead
θj-1
12
OC/W


Similar Part No. - RN2Z

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RN2Z SANKEN-RN2Z Datasheet
28Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
RN2Z SANKEN-RN2Z Datasheet
109Kb / 3P
Ultra-Fast-Recovery Rectifier Diode
logo
Galaxy Semi-Conductor H...
RN2Z BILIN-RN2Z Datasheet
62Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Luguang Electr...
RN2Z LUGUANG-RN2Z Datasheet
1Mb / 2P
High Efficiency Rectifiers
logo
Galaxy Semi-Conductor H...
RN2ZZ BILIN-RN2ZZ Datasheet
62Kb / 2P
HIGH EFFICIENCY RECTIFIER
More results

Similar Description - RN2Z

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE506 NTE-NTE506 Datasheet
15Kb / 1P
Silicon Rectifier Diode
logo
EIC discrete Semiconduc...
1N4003ST EIC-1N4003ST Datasheet
53Kb / 2P
SILICON RECTIFIER DIODE
logo
Sanken electric
FMX-22S SANKEN-FMX-22S Datasheet
209Kb / 4P
Silicon Rectifier Diode
EM01A SANKEN-EM01A Datasheet
182Kb / 3P
Silicon Rectifier Diode
FMX-12S SANKEN-FMX-12S Datasheet
206Kb / 4P
Silicon Rectifier Diode
RM1Z SANKEN-RM1Z Datasheet
207Kb / 3P
Silicon Rectifier Diode
RM10Z SANKEN-RM10Z Datasheet
214Kb / 3P
Silicon Rectifier Diode
logo
SiPower Inc.
SPAL1012 SIPOWER-SPAL1012 Datasheet
365Kb / 3P
Silicon Rectifier Diode
SPAL1210 SIPOWER-SPAL1210 Datasheet
365Kb / 3P
Silicon Rectifier Diode
logo
EIC discrete Semiconduc...
10EDA20 EIC-10EDA20 Datasheet
114Kb / 2P
SILICON RECTIFIER DIODE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com