Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HER201 Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # HER201
Description  HIGH EFFICIENCY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

HER201 Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  HER201 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. HER201 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dated : 03/07/2003
H
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, acompany
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
HER201 THRU HER208
Fig. 1-REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
RATINGS AND CHARACTERISTIC CURVES
NOTES:1. Rise Time=7ns max. Input Impedance=
1 megohm 22 pf
2. Rise Time=10ns max. Sourse Impedance=
50 ohms
1
NON
INDUCTIVE
(+)
25Vdc
(appox)
(-)
50
NONINDUCTIVE
DUT
PULSE
GENERATOR
(NOTE 2)
OSCILLOSCOPE
(NOTE 1)
(+)
-1.0A
10
NONINDUCTIVE
-0.25A
(-)
0
+0.5A
AMBIENT TEMPERATURE, C
Fig.2 - TYPICAL FORWARD
CURRENT DERATING
SET TIME BASE FOR
10/20ns/cm
1cm
0
trr
50
25
75
o
125
100
150 175
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
2.0
4.0
Fig. 5-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
2
1
10
0
20
40
30
50
60
70
8.3ms Single Half Sine Wave
JEDEC Method
20
10
5
50
100
HER206
~HER20
8
HER20
1~HER
205
Fig. 6-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE. (V)
0.1
2
6
1
4
60
40
10
20
4
1
0.4
0.2
2
Tj =25 C
200
100
100
40
20
10
Tj=25 C
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
0.01
20
40
0.1
1
120
60
80
100
o
140
Fig. 3-TYPICAL REVERSE CHARACTERISTICS
Tj=150 C
10
100
o
Tj=100 C
o
PULSE WIDTH =300 s,
1% DUTY CIRCLE
Tj = 25 C
1.2
FORWARD VOLTAGE, (V)
0.2
0.001
0
0.01
0.1
0.4
0.6
0.8
1.0
1.6
1.4
1.8
Fig. 4-TYPICAL FORWARD CHARACTERISTICS
1.0
10



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com