Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM9355 Datasheet(PDF) 1 Page - Spectrum Microwave, Inc.

Part # TM9355
Description  RF AMPLIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRUM [Spectrum Microwave, Inc.]
Direct Link  http://www.spectrummicrowave.com
Logo SPECTRUM - Spectrum Microwave, Inc.

TM9355 Datasheet(HTML) 1 Page - Spectrum Microwave, Inc.

  TM9355 Datasheet HTML 1Page - Spectrum Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Legend
+ 25 ºC
+ 85 ºC - - - - - - -55 ºC
Typical Intermodulation Performance at 25 º C
Second Order Harmonic Intercept Point ...... +38 dBm (Typ.)
Second Order Two Tone Intercept Point ....... +32 dBm (Typ.)
Third Order Two Tone Intercept Point.. ......... +24 dBm (Typ.)
Power
Vdc
+5
+5
m A
30
33
Max.
RF AMPLIFIER
MODEL TM9355
Available as:
TM9355, 4 Pin TO-8 (T4)
TN9355, 4 Pin Surface Mount (SM3)
FP9355, 4 Pin Flatpack (FP4)
BX9355, Connectorized Housing (H1)
Features
!
!
!
!
! Medium Gain: 10 dB Gain Typical
!
!
!
!
! Low Noise Figure: <4 dBm Typical
!
!
!
!
! Operating Temp. - 55 ºC to +85 ºC
!
!
!
!
! Environmental Screening Available
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Frequency
5 - 2000 MHz
5 - 2000 MHz
Note: Care should always be taken to effectively ground the case of each unit.
Noise figure (dB)
<4.0
6.0 Max.
VSWR
In
1.8:1
2.0:1 Max.
Out
1.5:1
2.0:1 Max.
Reverse
Isolation (dB)
-16
-15
Max.
Power @ 1 dB
Comp. (dBm)
11
10
Min.
Gain (dB)
10
9
Min.
Specifications
Typical Performance Data
Maximum Ratings
Ambient Operating Temperature .............. -55ºC to + 100 ºC
Storage Temperature ............................... -62ºC to + 125 ºC
Case Temperature ................................................. + 125 ºC
DC Voltage ........................................................... + 8 Volts
Continuous RF Input Power ................................. + 13 dBm
Short Term RF Input Power ... 100 Milliwatts (1 Minute Max.)
Maximum Peak Power ................... 0.2 Watt (3
µsec Max.)
11/22/04
2.0
1.5
1.0
2.0
1.5
1.0
1
5
4
3
2
8
+14
+13
+12
+11
+10
- 16
- 17
- 18
- 19
- 20
11
10
12
9
Start 5 MHz
Stop 2000 MHz
Start 5 MHz
Stop 2000 MHz
Stop 2000 MHz
Start 5 MHz
Stop 2000 MHz
Start 5 MHz
Stop 2000 MHz
Start 5 MHz
Stop 2000 MHz
Start 5 MHz
Gain (dB)
Reverse Isolation (dB)
Noise Figure (dB)
1 dB Comp. (dBm)
Input VSWR
Output VSWR
10
100
200
400
600
800
1000
1200
1400
1600
1800
2000
.22
.20
.20
.21
.22
.23
.24
.25
.25
.25
.24
.21
-21
-11
-20
-37
-54
-69
-84
-96
-111
-125
-143
-174
3.33
3.35
3.34
3.33
3.32
3.34
3.36
3.39
3.41
3.47
3.56
3.57
-170
175
168
155
143
130
117
104
91
77
63
46
.1212
.1205
.1194
.1207
.1224
.1215
.1244
.1240
.1275
.1270
.1321
.1313
5
-3
-6
-12
-19
-27
-33
-43
-50
-59
-72
-81
.11
.10
.09
.09
.08
.08
.08
.08
.09
.08
.06
.04
160
174
176
175
179
-180
-177
-174
-176
179
172
173
Linear S-Parameters
FREQ.
– – – – S11– – – –
– – – – S21– – – –
– – – – S12– – – –
– – – – S22– – – –
MHz
Deg
Mag
Deg
Mag
Deg
Mag
Deg
Mag
=========================================================================================================
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave (Europe) · 2707 Black Lake Place · Philadelphia, Pa. 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.spectrummicrowave.com


Similar Part No. - TM9355

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TM9355 APITECH-TM9355 Datasheet
208Kb / 1P
RF AMPLIFIER MODEL
More results

Similar Description - TM9355

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
BXMP1005 SPECTRUM-BXMP1005 Datasheet
41Kb / 1P
RF AMPLIFIER
BXMP1010 SPECTRUM-BXMP1010 Datasheet
42Kb / 1P
RF AMPLIFIER
BXMP1019 SPECTRUM-BXMP1019 Datasheet
41Kb / 1P
RF AMPLIFIER
BXMP1031 SPECTRUM-BXMP1031 Datasheet
65Kb / 1P
RF AMPLIFIER
BXMP1035 SPECTRUM-BXMP1035 Datasheet
42Kb / 1P
RF AMPLIFIER
CZ8020 SPECTRUM-CZ8020 Datasheet
40Kb / 1P
RF AMPLIFIER
CZ8110 SPECTRUM-CZ8110 Datasheet
42Kb / 1P
RF AMPLIFIER
CZ8120 SPECTRUM-CZ8120 Datasheet
43Kb / 1P
RF AMPLIFIER
CZ8203 SPECTRUM-CZ8203 Datasheet
62Kb / 1P
RF AMPLIFIER
CZ8310 SPECTRUM-CZ8310 Datasheet
46Kb / 1P
RF AMPLIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com