Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54LVC646AFK Datasheet(PDF) 2 Page - Texas Instruments

Part # SN54LVC646AFK
Description  OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54LVC646AFK Datasheet(HTML) 2 Page - Texas Instruments

  SN54LVC646AFK Datasheet HTML 1Page - Texas Instruments SN54LVC646AFK Datasheet HTML 2Page - Texas Instruments SN54LVC646AFK Datasheet HTML 3Page - Texas Instruments SN54LVC646AFK Datasheet HTML 4Page - Texas Instruments SN54LVC646AFK Datasheet HTML 5Page - Texas Instruments SN54LVC646AFK Datasheet HTML 6Page - Texas Instruments SN54LVC646AFK Datasheet HTML 7Page - Texas Instruments SN54LVC646AFK Datasheet HTML 8Page - Texas Instruments SN54LVC646AFK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
SN54LVC646A, SN74LVC646A
OCTAL BUS TRANSCEIVERS AND REGISTERS
WITH 3-STATE OUTPUTS
SCAS302G – JANUARY 1993 – REVISED JUNE1998
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
Inputs can be driven from either 3.3-V or 5-V devices. This feature allows the use of these devices as translators
in a mixed 3.3-V/5-V system environment.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
The SN54LVC646A is characterized for operation over the full military temperature range of –55
°C to 125°C.
The SN74LVC646A is characterized for operation from –40
°C to 85°C.
FUNCTION TABLE
INPUTS
DATA I/O
OPERATION OR FUNCTION
OE
DIR
CLKAB
CLKBA
SAB
SBA
A1–A8
B1–B8
OPERATION OR FUNCTION
X
X
↑
X
X
X
Input
Unspecified†
Store A, B unspecified†
X
XX
↑
X
X
Unspecified†
Input
Store B, A unspecified†
H
X
↑
↑
X
X
Input
Input
Store A and B data
H
X
H or L
H or L
X
X
Input disabled
Input disabled
Isolation, hold storage
L
L
X
X
X
L
Output
Input
Real-time B data to A bus
L
L
X
H or L
X
H
Output
Input
Stored B data to A bus
L
H
X
X
L
X
Input
Output
Real-time A data to B bus
L
H
H or L
X
H
X
Input
Output
Stored A data to B bus
† The data-output functions can be enabled or disabled by various signals at OE and DIR. Data-input functions always are enabled; i.e., data at
the bus terminals is stored on every low-to-high transition of the clock inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com