Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LVC86A Datasheet(PDF) 5 Page - Texas Instruments

Part # LVC86A
Description  QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LVC86A Datasheet(HTML) 5 Page - Texas Instruments

  LVC86A Datasheet HTML 1Page - Texas Instruments LVC86A Datasheet HTML 2Page - Texas Instruments LVC86A Datasheet HTML 3Page - Texas Instruments LVC86A Datasheet HTML 4Page - Texas Instruments LVC86A Datasheet HTML 5Page - Texas Instruments LVC86A Datasheet HTML 6Page - Texas Instruments LVC86A Datasheet HTML 7Page - Texas Instruments LVC86A Datasheet HTML 8Page - Texas Instruments LVC86A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
www.ti.com
Electrical Characteristics
Switching Characteristics
Switching Characteristics
Operating Characteristics
SN54LVC86A, SN74LVC86A
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SCAS288P – JANUARY 1993 – REVISED APRIL 2005
over operating free-air temperature range (unless otherwise noted)
SN74LVC86A
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
–40 TO 85
°C
–40 TO 125
°C
UNIT
MIN
TYP MAX
MIN MAX
MIN
MAX
IOH = –100 µA
1.65 V to 3.6 V
VCC – 0.2
VCC – 0.2
VCC – 0.3
IOH = –4 mA
1.65 V
1.29
1.2
1.05
IOH = –8 mA
2.3 V
1.9
1.7
1.55
VOH
V
2.7 V
2.2
2.2
2.05
IOH = –12 mA
3 V
2.4
2.4
2.25
IOH = –24 mA
3 V
2.3
2.2
2
IOL = 100 µA
1.65 V to 3.6 V
0.1
0.2
0.3
IOL = 4 mA
1.65 V
0.24
0.45
0.6
VOL
IOL = 8 mA
2.3 V
0.3
0.7
0.75
V
IOL = 12 mA
2.7 V
0.4
0.4
0.6
IOL = 24 mA
3 V
0.55
0.55
0.8
II
VI = 5.5 V or GND
3.6 V
±1
±5
±20
µA
ICC
VI = VCC or GND
IO = 0
3.6 V
1
10
40
µA
One input at VCC – 0.6 V,
∆I
CC
2.7 V to 3.6 V
500
500
5000
µA
Other inputs at VCC or GND
Ci
VI = VCC or GND
3.3 V
5
pF
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
SN54LVC86A
FROM
TO
PARAMETER
VCC
–55 TO 125
°C
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
2.7 V
5.6
tpd
A
Y
ns
3.3 V
± 0.3 V
1
4.6
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
SN74LVC86A
FROM
TO
PARAMETER
VCC
TA = 25°C
–40 TO 85
°C
–40 TO 125
°C
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
1.8 V
± 0.15 V
1
4.1
9.4
1
9.9
1
11.4
2.5 V
± 0.2 V
1
2.9
7.1
1
7.6
1
9.7
tpd
A
Y
ns
2.7 V
1
2.8
5.4
1
5.6
1
7.1
3.3 V
± 0.3 V
1
2.5
4.4
1
4.6
1
5.8
tsk(o)
3.3 V
± 0.3 V
1
1.5
ns
T
A = 25°C
TEST
PARAMETER
VCC
TYP
UNIT
CONDITIONS
1.8 V
6.5
Cpd
Power dissipation capacitance per gate
f = 10 MHz
2.5 V
7.5
pF
3.3 V
8.5
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com