Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDB720WS Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # SDB720WS
Description  SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

SDB720WS Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  SDB720WS Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. SDB720WS Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 16/01/2007
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
SDB720WS
SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
for high frequency rectification
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Peak Reverse Voltage
VRM
40
V
Reverse Voltage
VR
40
V
Average Forward Current
IO
0.5
A
Non-repetitive Peak Forward Surge Current
IFSM
2
A
Junction Temperature
Tj
125
O
C
Storage Temperature Range
Ts
- 55 to + 150
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Typ.
Max.
Unit
Forward Voltage
at IF = 500 mA
VF
-
0.55
V
Reverse Current
at VR = 35 V
IR
-
100
µA
Terminal Capacitance
at VR = 0 V, f = 1 MHz
CT
60
-
pF
Reverse Recovery Time
at IF = IR = 100 mA, Irr = 10 mA, RL = 100 Ω
trr
5
-
nS
Anode
2
1
2
PINNING
1
PIN
Cathode
DESCRIPTION
RH
Top View
Marking Code: "RH"
Simplified outline SOD-323 and symbol


Similar Part No. - SDB720WS

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
SDB720WT SEMTECH_ELEC-SDB720WT Datasheet
195Kb / 3P
SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
More results

Similar Description - SDB720WS

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
RB751V-40 SEMTECH_ELEC-RB751V-40 Datasheet
125Kb / 2P
SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
SB425D SEMTECH_ELEC-SB425D Datasheet
119Kb / 1P
Silicon Epitaxial Planar Schottky Barrier Diode
RB521S-30 SEMTECH_ELEC-RB521S-30 Datasheet
187Kb / 3P
SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
SDB720WT SEMTECH_ELEC-SDB720WT Datasheet
195Kb / 3P
SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
SB491D SEMTECH_ELEC-SB491D Datasheet
145Kb / 2P
SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
BAT378W SEMTECH_ELEC-BAT378W Datasheet
167Kb / 2P
SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
SDA06WS SEMTECH_ELEC-SDA06WS Datasheet
129Kb / 2P
SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
RB161L-40 SEMTECH_ELEC-RB161L-40 Datasheet
165Kb / 2P
SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
logo
SHIKUES Electronics
BAT54XV2 SKTECHNOLGY-BAT54XV2 Datasheet
389Kb / 3P
SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
logo
DONGGUAN YOU FENG WEI E...
RB551V-30 YFWDIODE-RB551V-30 Datasheet
421Kb / 3P
SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com