Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLDB3 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # LLDB3
Description  SILICON BIDIRECTIONAL DIACS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

LLDB3 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  LLDB3 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dated : 18/01/2008
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
LLDB3, LLDB4
SILICON BIDIRECTIONAL DIACS
The glass passivated, three-layer, two terminal, axial lead,
hermetically sealed diacs are designed specifically for
triggering thyristors. They demonstrate low breakover current
at breakover voltage as they withstand peak pulse current.
The breakover symmetry is within four volts with a typical
breakover voltage of LLDB3 32 V, LLDB4 40 V. These diacs
are intended for use in thyristor phase control, circuits for
lamp-dimming, universal-motor speed controls, and heat
controls.
Storage Temperature Range TS - 40 OC to +150 OC
Operating Temperature Range TJ - 40OC to +100 OC
MAXIMUM RATINGS at 50 OC Ambient
Peak Current (10 µs duration, 120 cycle repetition rate) IP ± 2 A Max.
Peak output voltage eP 3 ± Volts Max.
1)
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Max.
Unit
LLDB3
28
36
Breakover Voltage
LLDB4
V(BR)1 and V(BR)2
35
45
V
Breakover Currents
I(BR)1 and I(BR)2
-
200
µA
Breakover Voltage Symmetry
[V(BR)1]-[V(BR)2]
-
3.8
V
Dynamic Breakover Voltage
ΔI = [IBR to IF = 10 mA]
|
ΔV ± |
5
-
V
Thermal Impedance Junction to Ambient Air
RθJA
-
60
O
C/W
Dimensions in mm
60~
120 V
ep
DIAC
0.1 uF
CIRCUIT FOR PEAK OUTPUT VOLTAGE TEST
20
1)
3.3 K
120 VAC
60 Hz
load up to 1500 W
200 K
0.1 uF
100 V
TRIAC
BILATERAL
TRIGGER
DIAC
TYPICAL DIAC-TRIAC FULL-WAVE PHASE
CONTROL CIRCUIT


Similar Part No. - LLDB3

ManufacturerPart #DatasheetDescription
logo
Formosa MS
LLDB3 FORMOSA-LLDB3 Datasheet
410Kb / 4P
DIAC
logo
Jinan Jingheng (Group) ...
LLDB3 JINANJINGHENG-LLDB3 Datasheet
63Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Taiwan Semiconductor Co...
LLDB3 TSC-LLDB3 Datasheet
89Kb / 2P
150mW Bi-directional Trigger Diode
logo
Rectron Semiconductor
LLDB3 RECTRON-LLDB3 Datasheet
179Kb / 4P
TRIGGER DIODES
logo
Micro Commercial Compon...
LLDB3 MCC-LLDB3 Datasheet
314Kb / 3P
SILICON BIDIRECTIONAL DIAC
More results

Similar Description - LLDB3

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
LSDB3 SEMTECH_ELEC-LSDB3 Datasheet
168Kb / 1P
SILICON BIDIRECTIONAL DIACS
logo
Galaxy Semi-Conductor H...
DB3M BILIN-DB3M Datasheet
76Kb / 2P
SILICON BIDIRECTIONAL DIACS
logo
Tiger Electronic Co.,Lt...
DB3-DB4 TGS-DB3-DB4 Datasheet
137Kb / 2P
Silicon Bidirectional Diacs
logo
Shanghai Shunye Electro...
DB3M SHUNYE-DB3M Datasheet
199Kb / 2P
SILICON BIDIRECTIONAL DIACS
logo
Diode Semiconductor Kor...
DB3 DSK-DB3 Datasheet
333Kb / 2P
SILICON BIDIRECTIONAL DIACS
DB3M DSK-DB3M Datasheet
88Kb / 2P
SILICON BIDIRECTIONAL DIACS
logo
Zibo Seno Electronic En...
LLDB3 ZSELEC-LLDB3 Datasheet
362Kb / 2P
SILICON BIDIRECTIONAL DIACS
logo
SAMYANG ELECTRONICS CO....
DB3 SAMYANG-DB3 Datasheet
400Kb / 2P
SILICON BIDIRECTIONAL DIACS
DB3 SAMYANG-DB3_V01 Datasheet
399Kb / 2P
SILICON BIDIRECTIONAL DIACS
DB3 SAMYANG-DB3_V02 Datasheet
400Kb / 2P
SILICON BIDIRECTIONAL DIACS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com