Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS40W Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # BAS40W
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BAS40W Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  BAS40W Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. BAS40W Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 08/11/2007
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
BAS40W / -04W / -05W / -06W
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Features
• Low forward voltage
• Fast switching
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Repetitive Peak Reverse Voltage
VRRM
40
V
DC Blocking Voltage
VR
40
V
Forward Continuous Current
IF
200
mA
Peak Forward Surge Current (at tp ≤ 8.3 ms)
IFSM
600
mA
Power Disspation
Pd
200
mW
Junction Temperature
TJ
150
O
C
Storage Temperature Range
TS
- 65 to + 150
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Max.
Unit
Forward Voltage
at IF = 1 mA
at IF = 40 mA
VF
VF
-
-
0.38
1
V
V
Reverse Breakdown Voltage
at IR = 10 μA
V(BR)R
40
-
V
Reverse Current
at VR = 30 V
IR
-
200
nA
Total Capacitance
at VR = 0 V, f = 1 MHz
CT
-
5
pF
Reverse Recovery Time
at IF = IR = 10 mA, Irr = 0.1 IR
trr
-
5
ns
1
3
2
3
1
2
1
3
2
2
1
3
BAS40W
BAS40-04W
BAS40-05W
BAS40-06W
BAS40W
Marking Code: 43
BAS40-04W Marking Code: 44
BAS40-05W Marking Code: 45
BAS40-06W Marking Code: 46


Similar Part No. - BAS40W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS40W PHILIPS-BAS40W Datasheet
52Kb / 8P
Schottky barrier double diodes
1999 Apr 26
logo
Siemens Semiconductor G...
BAS40W SIEMENS-BAS40W Datasheet
141Kb / 4P
Silicon Schottky Diode (General-purpose diodes for high-speed switching Circuit protection Voltage clamping)
logo
Diodes Incorporated
BAS40W DIODES-BAS40W Datasheet
57Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30114 Rev. 8 - 2
logo
Weitron Technology
BAS40W WEITRON-BAS40W Datasheet
206Kb / 3P
Surface Mount Schottky Diodes
logo
Diodes Incorporated
BAS40W DIODES-BAS40W Datasheet
361Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30114 Rev. 12 - 2
More results

Similar Description - BAS40W

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5711WS DIODES-1N5711WS Datasheet
64Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS31033 Rev. 12 - 2
BAS70W DIODES-BAS70W Datasheet
53Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30113 Rev. A-2
logo
Won-Top Electronics
BAS40WS WTE-BAS40WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717 WTE-MMBD717 Datasheet
44Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717WS WTE-MMBD717WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS0520 WTE-SS0520_06 Datasheet
51Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
GTM CORPORATION
GD420SD GTM-GD420SD Datasheet
161Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD421SD GTM-GD421SD Datasheet
170Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GDBAS40 GTM-GDBAS40 Datasheet
168Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com