Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL4148 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LL4148
Description  500 mW LL-34 Hermetically Sealed Glass Fast Switching Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LL4148 Datasheet(HTML) 1 Page - Leshan Radio Company

  LL4148 Datasheet HTML 1Page - Leshan Radio Company LL4148 Datasheet HTML 2Page - Leshan Radio Company LL4148 Datasheet HTML 3Page - Leshan Radio Company LL4148 Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SURFACE MOUNT
LL34
LL4148/LL4448
500 mW LL-34 Hermetically
Sealed Glass Fast Switching
Diodes
Cathode
Anode
LESHAN RADIO COMPANY, LTD.
1/4
Pb-Free package is available
单位
Unit
V
V
300
500
mA
mA
mW
符号
单位
Symbols
Min
Max
Unit
100
75
---
25
nA
---
5
uA
0.62
0.72
---
1
---
1
- 色环端为负极 1st Band indicates negative polarity or Cathode Band
规格特征 Specification Features:
- 开关速度快 Fast Switching Device (TRR<4.0nS)
- 玻璃密封封装 Hermetically Sealed Glass
极限值和温度特性Absolute Maximum Ratings & Thermal Characteristics (TA=25℃)
参数
符号
LL4148
LL4448
Parameter
Symbols
不重复反向峰值电压 Non-repetitive Peak Reverse Voltage
VRM
100
VRRM
75
最大正向平均电流 Forward Continuous Current
IFM
反向峰值电压 Peak repetitive Reverse Voltage
IO
150
正向(不重复)浪涌电流
IFM
2
平均整流输出电流 Average Rectified Output Current
Operating junction and storage Temperature Range
A
Non-repetitive Peak Forward Surge Current
功率消耗 Power Dissipation
PD
500
工作结温和存储温度
IR=100uA
TJ, TSTG
-55 - +175
电特性Electrical Characteristics (TA=25℃)
参数
测试条件
界限Limits
Parameter
Test Condition
V
反向击穿电压
IR=5uA
IR
Reverse Leakage Current
VR=20V
反向漏电电流
VR=75
BV
Breakdown Voltage
VF
Forward Voltage LL4448
I F=5mA
V
正向电压
LL4148
IF=10mA
LL4448
I F=100mA
TRR
Reverse Recovery Time
IF= 10mA, IR=1.0mA
---
4
nS
反向恢复时间
RL=100Ω
IRR=1mA
4pF
结电容
C
Capacitance
VR=0V, f=1MHZ
---


Similar Part No. - LL4148

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LL4148 VISHAY-LL4148 Datasheet
292Kb / 5P
Small Signal Fast Switching Diodes
24-Mar-06
logo
Won-Top Electronics
LL4148 WTE-LL4148 Datasheet
32Kb / 3P
FAST SWITCHING DIODE
logo
Zowie Technology Corpor...
LL4148 ZOWIE-LL4148 Datasheet
43Kb / 2P
SILICON EPITAXIAL PLANAR DIODES
logo
Semtech Corporation
LL4148 SEMTECH-LL4148 Datasheet
219Kb / 4P
Silicon Expitaxial Planar Diode
logo
Shanghai Lunsure Electr...
LL4148 CHENYI-LL4148 Datasheet
162Kb / 3P
SMALL SIGNAL SWITCHING DIODE
More results

Similar Description - LL4148

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TCLL4148 ETC-TCLL4148 Datasheet
267Kb / 5P
500 mW LL-34 Hermetically Sealed Glass Fast Switching Diodes
logo
Tak Cheong Electronics ...
TCBAV100 TAK_CHEONG-TCBAV100 Datasheet
113Kb / 2P
500 mW LL-34 Hermetically Sealed Glass - High Voltage Switching Diodes
TCLL4148 TAK_CHEONG-TCLL4148 Datasheet
133Kb / 4P
500 mW LL-34 Hermetically Sealed Glass Fast Switching Diodes
TCLL4151 TAK_CHEONG-TCLL4151 Datasheet
75Kb / 2P
500 mW LL-34 Hermetically Sealed Glass Fast Switching Diodes
TCBAV100 TAK_CHEONG-TCBAV100_11 Datasheet
313Kb / 3P
500 mW LL-34 Hermetically Sealed Glass ??High Voltage Switching Diodes
TCLL4148 TAK_CHEONG-TCLL4148_11 Datasheet
431Kb / 4P
500 mW LL-34 Hermetically Sealed Glass Fast Switching Diodes
TCLL4151 TAK_CHEONG-TCLL4151_11 Datasheet
309Kb / 3P
500 mW LL-34 Hermetically Sealed Glass Fast Switching Diodes
logo
Yea Shin Technology Co....
1N4448 YEASHIN-1N4448 Datasheet
309Kb / 2P
500 mW DO-34 Hermetically Sealed Glass Fast Switching Diodes
LL4148 YEASHIN-LL4148 Datasheet
801Kb / 3P
500 mW LL-34 Hermetically Sealed Glass Fast Switching Diodes
LL4448 YEASHIN-LL4448 Datasheet
801Kb / 3P
500 mW LL-34 Hermetically Sealed Glass Fast Switching Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com