Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2SC1623 Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # ST2SC1623
Description  NPN Silicon Epitaxial Planar Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ST2SC1623 Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  ST2SC1623 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ST2SC1623 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dated : 07/12/2002
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
ST 2SC1623
Characteristics at Tamb=25
OC
Symbol
Min.
Typ.
Max.
Unit
DC Current Gain
at VCE=6V, IC=1mA
Current Gain Group R
O
Y
G
hFE
hFE
hFE
hFE
90
135
200
300
-
-
-
-
180
270
400
600
-
-
-
-
Collector Base Breakdown Voltage
at IC=100μA
V(BR)CBO
60
-
-
V
Collector Emitter Breakdown Voltage
at IC=10mA
V(BR)CEO
50
-
-
V
Emitter Base Breakdown Voltage
at IE=10μA
V(BR)EBO
5
-
-
V
Collector Cutoff Current
at VCB=60V
ICBO
-
-
0.1
μA
Emitter Cutoff Current
at VEB=5V
IEBO
-
-
0.1
μA
Collector Saturation Voltage
at IC=100mA, IB=10mA
VCE(sat)
-
0.15
0.3
V
Base Saturation Voltage
at IC=100mA, IB=10mA
VBE(sat)
-
0.86
1
V
Gain Bandwidth Product
at VCE=6V, IC=10mA
fT
-
250
-
MHz
Output Capacitance
at VCB=6V, f=1MHz
COB
-
3
-
pF



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com