Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2SC1815 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # ST2SC1815
Description  NPN Silicon Epitaxial Planar Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ST2SC1815 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  ST2SC1815 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ST2SC1815 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 02/12/2005
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
ST 2SC1815
NPN Silicon Epitaxial Planar Transistor
for switching and AF amplifier applications.
The transistor is subdivided into four groups,
O, Y, G and L, according to its DC current
gain. As complementary type the PNP
transistor ST 2SA1015 is recommended.
On special request, these transistors can be
manufactured in different pin configurations.
TO-92 Plastic Package
Weight approx. 0.19g
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Collector Base Voltage
VCBO
60
V
Collector Emitter Voltage
VCEO
50
V
Emitter Base Voltage
VEBO
5
V
Collector Current
IC
150
mA
Base Current
IB
50
mA
Power Dissipation
Ptot
400
mW
Junction Temperature
Tj
125
O
C
Storage Temperature Range
TS
-55 to +150
O
C
Characteristics at Tamb = 25 OC
Parameter
Symbol
Min.
Typ.
Max.
Unit
DC Current Gain
at VCE=6V, IC=2mA
Current Gain Group
at VCE=6V, IC=150mA
O
Y
G
L
hFE
hFE
hFE
hFE
hFE
70
120
200
350
25
-
-
-
-
-
140
240
400
700
-
-
-
-
-
-
Collector Saturation Voltage
at IC=100mA, IB=10mA
VCE(sat)
-
-
0.25
V
Base Saturation Voltage
at IC=100mA, IB=10mA
VBE(sat)
-
-
1
V
Collector Cutoff Current
at VCB=60V
at VEB=5V
ICBO
IEBO
-
-
-
-
0.1
0.1
µA
µA
Gain Bandwidth Product
at VCE=10V, IC=1mA
fT
80
-
-
MHz
Output Capacitance
at VCB=10V, f=1MHz
COB
-
2
3
pF
Noise Figure
at VCE=6V, IC=0.1mA, f=1KHz, RG=10KΩ
NF
-
1
1
dB


Similar Part No. - ST2SC1815

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
ST2SC1008 SEMTECH_ELEC-ST2SC1008 Datasheet
201Kb / 2P
NPN Silicon Epitaxial Planar Transistor
ST2SC1213 SEMTECH_ELEC-ST2SC1213 Datasheet
129Kb / 2P
NPN Silicon Epitaxial Planar Transistor
ST2SC1213A SEMTECH_ELEC-ST2SC1213A Datasheet
129Kb / 2P
NPN Silicon Epitaxial Planar Transistor
ST2SC1359 SEMTECH_ELEC-ST2SC1359 Datasheet
284Kb / 2P
NPN Epitaxial Silicon Transistor
ST2SC1383 SEMTECH_ELEC-ST2SC1383 Datasheet
270Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results

Similar Description - ST2SC1815

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com