Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2SC1907 Datasheet(PDF) 4 Page - SEMTECH ELECTRONICS LTD.

Part # ST2SC1907
Description  NPN Silicon Epitaxial Planar Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ST2SC1907 Datasheet(HTML) 4 Page - SEMTECH ELECTRONICS LTD.

  ST2SC1907 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ST2SC1907 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. ST2SC1907 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. ST2SC1907 Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD. ST2SC1907 Datasheet HTML 5Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Dated : 07/12/2002
SEMTECH ELECTRONICS LTD.
(
Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
ST 2SC1907
C o l l e c t o r C u r r e n t IC ( m A )
Transition Frequency vs.
Collector Current
VC E
=10V
Base Time Constant vs
Collector Current
C o l l e c t o r C u r r e n t IC ( m A )
VCB=10V
Output end short
Input Conductance g ib (mS)
Input Admittance Characteristics
15
mA
10 m
A
I C =
5 m
A
y ib = g ib+jb ib
900
1000
1200 MHz
600
800
400
VCB=10V
Input end short
y rb = g rb+jb rb
Reverse Transfer Conductance g rb (mS)
Reverse Transfer Admittance
Characteristics
1200
1000
400MHz
800
900
600
VCB=10V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com