Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2SC2412 Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # ST2SC2412
Description  NPN Silicon Epitaxial Planar Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ST2SC2412 Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  ST2SC2412 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ST2SC2412 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. ST2SC2412 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. ST2SC2412 Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Dated : 07/06/2003
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
ST 2SC2412
Characteristics at Tamb=25
OC
Symbol
Min.
Typ.
Max.
Unit
DC Current Gain
at VCE=6V, IC=1mA
Q
R
S
hFE
hFE
hFE
120
180
270
-
-
-
270
390
560
-
-
-
Collector Base Breakdown Voltage
at IC=50μA
V(BR)CBO
60
-
-
V
Collector Emitter Breakdown Voltage
at IC=1mA
V(BR)CEO
50
-
-
V
Emitter Base Breakdown Voltage
at IE=50μA
V(BR)EBO
7
-
-
V
Collector Cutoff Current
at VCB=60V
ICBO
-
-
0.1
μA
Emitter Cutoff Current
at VEB=7V
IEBO
-
-
0.1
μA
Collector Saturation Voltage
at IC=50mA, IB=5mA
VCE(sat)
-
-
0.4
V
Gain Bandwidth Product
at VCE=12V, -IE=2mA, f=100MHz
fT
-
180
-
MHz
Output Capacitance
at VCE=12V, f=1MHz
COB
-
2
3.5
pF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com