Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2SC2787 Datasheet(PDF) 5 Page - SEMTECH ELECTRONICS LTD.

Part # ST2SC2787
Description  NPN Silicon Epitaxial Planar Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ST2SC2787 Datasheet(HTML) 5 Page - SEMTECH ELECTRONICS LTD.

  ST2SC2787 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ST2SC2787 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. ST2SC2787 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. ST2SC2787 Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD. ST2SC2787 Datasheet HTML 5Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Dated : 23/05/2002
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
ST 2SC2787
Reverse transfer amittance
vs. collector current
1
0.05
0.01
0.02
0.1
0.5
0.1
0.2
VCB=6V
input short
VCB=6V
output short
100
10
I C, mA
1
100MHz
-brb
10.7MHz
-brb
10
0.2
1
500
100
I C, mA
100MHz
-bib
1
20
10
10.7MHz
-bib
100MHz
10.7MHz
gib
gib
Input amittance vs. collector current
10.7MHz
Forward transfer amittance
vs. collector current
1
0.2
100
10
500
-gfb
10.7MHz
goe
10
I C, mA
1
20
0.1
0.01
1
I C, mA
10
100
100MHz
Output amittance vs. collector current
100MHz
bfb 10.7MHz
100MHz
100MHz
-gfb
bfb
VCB=6V
output short
0.1
1
goe
boe
10
boe 10.7MHz
VCE=6V
Input short



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com