Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2SC2901 Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # ST2SC2901
Description  NPN Silicon Epitaxial Planar Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ST2SC2901 Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  ST2SC2901 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ST2SC2901 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. ST2SC2901 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. ST2SC2901 Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Dated : 07/08/2003
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
ST 2SC2901
Characteristics at Tamb=25
OC
Symbol
Min.
Typ.
Max.
Unit
DC Current Gain*
at VCE=1V, IC=10mA
Current Gain Group L
K
hFE
hFE
40
100
-
-
120
200
-
-
Collector Cutoff Current
at VCB=20V
ICBO
-
-
0.1
μA
Emitter Cutoff Current
at VEB=3V
IEBO
-
-
0.1
μA
Collector Saturation Voltage*
at IC=10mA, IB=1mA
VCE(sat)
-
0.15
0.25
V
Base Saturation Voltage*
at IC=10mA, IB=1mA
VBE(sat)
-
0.8
0.85
V
Turn-on Time
at VCC=3V, IC=10mA, IB1=3mA, -VBE=1.5V
ton
-
8
12
ns
Storage Time
at IC=10mA, IB1= -IB2=10mA
tstg
-
6
13
ns
Turn-off Time
at VCC=3V, IC=10mA, IB1=3mA, -IB2=1.5mA
toff
-
12
18
ns
Gain Bandwidth Product
at VCE=10V, -IE=10mA, f=100MHz
fT
500
750
-
MHz
Output Capacitance
at VCB=5V, f=1MHz
COB
-
1.8
4
pF
*Pulsed PW≦350μs, Duty Cycle≦2%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com