Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4728A Datasheet(PDF) 2 Page - Motorola, Inc

Part # 4728A
Description  One Watt Hermetically Sealed Glass Silicon Zener Diodes
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

4728A Datasheet(HTML) 2 Page - Motorola, Inc

  4728A Datasheet HTML 1Page - Motorola, Inc 4728A Datasheet HTML 2Page - Motorola, Inc 4728A Datasheet HTML 3Page - Motorola, Inc 4728A Datasheet HTML 4Page - Motorola, Inc 4728A Datasheet HTML 5Page - Motorola, Inc 4728A Datasheet HTML 6Page - Motorola, Inc 4728A Datasheet HTML 7Page - Motorola, Inc 4728A Datasheet HTML 8Page - Motorola, Inc 4728A Datasheet HTML 9Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
GENERAL DATA — 1–1.3 WATT DO-41 GLASS
Motorola TVS/Zener Device Data
6-21
1–1.3 Watt DO-41 Glass Data Sheet
Figure 2. Temperature Coefficients
(–55
°C to +150°C temperature range; 90% of the units are in the ranges indicated.)
a. Range for Units to 12 Volts
b. Range for Units to 12 to 100 Volts
+12
+10
+8
+6
+4
+2
0
–2
–4
2
3
4
5
6
7
8
9
10
11
12
VZ, ZENER VOLTAGE (VOLTS)
100
70
50
30
20
10
7
5
3
2
1
10
20
30
50
70
100
VZ, ZENER VOLTAGE (VOLTS)
VZ @ IZT
RANGE
RANGE
VZ @ IZT
Figure 3. Typical Thermal Resistance
versus Lead Length
Figure 4. Effect of Zener Current
175
150
125
100
75
50
25
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
L, LEAD LENGTH TO HEAT SINK (INCHES)
+6
+4
+2
0
–2
–4
3
4
5
6
7
8
VZ, ZENER VOLTAGE (VOLTS)
VZ @ IZ
TA = 25°C
20 mA
0.01 mA
1 mA
NOTE: BELOW 3 VOLTS AND ABOVE 8 VOLTS
NOTE: CHANGES IN ZENER CURRENT DO NOT
NOTE: EFFECT TEMPERATURE COEFFICIENTS
Figure 5. Maximum Surge Power
100
70
50
30
20
10
7
5
3
2
1
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
50
100
200
500
1000
PW, PULSE WIDTH (ms)
This graph represents 90 percentile data points.
For worst case design characteristics, multiply surge power by 2/3.
11 V–100 V NONREPETITIVE
3.3 V–10 V NONREPETITIVE
5% DUTY CYCLE
10% DUTY CYCLE
20% DUTY CYCLE
RECTANGULAR
WAVEFORM
TJ = 25°C PRIOR TO
INITIAL PULSE



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com