Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1702 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # ST1702
Description  NPN Silicon Epitaxial Planar Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ST1702 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  ST1702 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dated : 27/06/2006
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
ST 1702
NPN Silicon Epitaxial Planar Transistor
for switching and AF amplifier applications
The transistor is subdivided into five groups, L, M,
N, O and P, according to its DC current gain.
On special request, these transistors can be
manufactured in different pin configurations.
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Collector Base Voltage
VCBO
30
V
Collector Emitter Voltage
VCEO
25
V
Emitter Base Voltage
VEBO
5
V
Collector Current
IC
1
A
Power Dissipation
Ptot
600
mW
Junction Temperature
Tj
150
O
C
Storage Temperature Range
TS
- 55 to + 150
O
C
Characteristics at Tamb = 25 OC
Parameter
Symbol
Min.
Typ.
Max.
Unit
DC Current Gain
at VCE = 1 V, IC = 100 mA
Current Gain Group
L
M
N
O
P
hFE
hFE
hFE
hFE
hFE
132
170
213
263
333
-
-
-
-
-
189
233
300
370
476
-
-
-
-
-
Collector Base Breakdown Voltage
at IC = 10 µA
V(BR)CBO
30
-
-
V
Collector Emitter Breakdown Voltage
at IC = 10 mA
V(BR)CEO
25
-
-
V
Emitter Base Breakdown Voltage
at IE = 100 µA
V(BR)EBO
5
-
-
V
Collector Cutoff Current
at VCB = 20 V
ICBO
-
-
0.1
µA
Emitter Cutoff Current
at VEB = 5 V
IEBO
-
-
0.5
µA
Collector Saturation Voltage
at IC = 500 mA, IB = 50 mA
VCE(sat)
-
-
0.7
V
Gain Bandwidth Product
at VCE = 5 V, IC = 10 mA
fT
-
100
-
MHz
Output Capacitance
at VCB = 5 V, f = 1 MHz
COB
-
12
-
pF
TO-92 Plastic Package
Weight approx. 0.19g


Similar Part No. - ST1702

ManufacturerPart #DatasheetDescription
logo
Apacer Technology Inc.
ST170-25 APACER-ST170-25 Datasheet
910Kb / 4P
SSD (Solid-State Disk)
ST170-297 APACER-ST170-297 Datasheet
1Mb / 4P
SSD (Solid-State Disk)
ST170-300 APACER-ST170-300 Datasheet
979Kb / 4P
SSD (Solid-State Disk)
ST170-300B APACER-ST170-300B Datasheet
973Kb / 4P
SSD (Solid-State Disk)
ST170-CFAST APACER-ST170-CFAST Datasheet
1Mb / 4P
LDPC ECC, Global Wear Leveling, Flash bad-block management
More results

Similar Description - ST1702

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com