Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL355 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # LL355
Description  SWITECHING DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

LL355 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  LL355 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dated : 30/08/2002
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
LL355
SWITECHING DIODE
Applications
•
High speed switching
Features
•
High Speed (tr = 1.2ns Typ.)
•
High reliability with high surge current handling
capability.
Construction
•
Silicon epitaxial planar.
Absolute Maximum Ratings (Ta = 25
OC)
Parameter
Symbol
Limits
Unit
Peak reverse voltage
VRM
90
V
DC reverse voltage
VR
80
V
Peak forward current
IFM
225
mA
Mean rectifying current
Io
100
mA
Surge current (1s)
Isurge
500
mA
Junction temperature
TJ
125
OC
Storage temperature
Tstg
-55 to +125
OC
Characteristics at Ta = 25
OC
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Forward voltage
VF
-
-
1.2
V
IF = 100mA
Reverse current
IR
-
-
0.1
µA
VR = 80V
Capacitance between terminals
CT
-
-
3
pF
VR = 0.5V, f = 1MHZ
Reverse recovery time
trr
-
-
4
ns
VR = 6V, IF = 10mA, RL = 100Ω


Similar Part No. - LL355

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
LL352 SEMTECH_ELEC-LL352 Datasheet
166Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
logo
Microsemi Corporation
LL3595 MICROSEMI-LL3595 Datasheet
73Kb / 2P
METALLURGICALLY BONDED
LL3595A MICROSEMI-LL3595A Datasheet
73Kb / 2P
SWITCHING DIODE
More results

Similar Description - LL355

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HFKM ETC1-HFKM Datasheet
176Kb / 2P
20A Switeching Contact, PCB Mounting
logo
SEMPO ELECTRONIC Limite...
SMDD-70 SEMPO-SMDD-70 Datasheet
49Kb / 1P
DIODE-DIODE MODULE
SMDD-50 SEMPO-SMDD-50 Datasheet
77Kb / 1P
DIODE-DIODE MODULE
SMDD-90H SEMPO-SMDD-90H Datasheet
42Kb / 1P
DIODE-DIODE MODULE
SMDD-160 SEMPO-SMDD-160 Datasheet
45Kb / 1P
Diode-Diode Module
SMDD-320I SEMPO-SMDD-320I Datasheet
44Kb / 1P
Diode-Diode Module
logo
List of Unclassifed Man...
SDD100 ETC2-SDD100 Datasheet
996Kb / 4P
Diode-Diode Modules
logo
Sirectifier Semiconduct...
SDD320 SIRECTIFIER-SDD320 Datasheet
255Kb / 4P
Diode-Diode Modules
SDD190 SIRECTIFIER-SDD190 Datasheet
727Kb / 4P
Diode-Diode Modules
SDD165 SIRECTIFIER-SDD165 Datasheet
740Kb / 4P
Diode-Diode Modules
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com