Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT5259WI-00 Datasheet(PDF) 12 Page - ON Semiconductor

Part # CAT5259WI-00
Description  Quad Digitally Programmable Potentiometers with 256 Taps and I짼C Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5259WI-00 Datasheet(HTML) 12 Page - ON Semiconductor

Back Button CAT5259WI-00 Datasheet HTML 8Page - ON Semiconductor CAT5259WI-00 Datasheet HTML 9Page - ON Semiconductor CAT5259WI-00 Datasheet HTML 10Page - ON Semiconductor CAT5259WI-00 Datasheet HTML 11Page - ON Semiconductor CAT5259WI-00 Datasheet HTML 12Page - ON Semiconductor CAT5259WI-00 Datasheet HTML 13Page - ON Semiconductor CAT5259WI-00 Datasheet HTML 14Page - ON Semiconductor CAT5259WI-00 Datasheet HTML 15Page - ON Semiconductor CAT5259WI-00 Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
CAT5259
Doc. No. MD-2000 Rev. I
12
© 2008 SCILLC. All rights reserved.
Characteristics subject to change without notice
INSTRUCTION FORMAT (continued)
Gang Transfer Data Register (DR) to Wiper Control Register (WCR)
DEVICE ADDRESSES
INSTRUCTION
0 1 0 1 A A A A
0 0 0 1 R R 0 0
S
T
A
R
T
3 2 1 0
A
C
K
1 0
A
C
K
S
T
O
P
Gang Transfer Wiper Control Register (WCR) to Data Register (DR)
DEVICE ADDRESSES
INSTRUCTION
0 1 0 1 A A A A
1 0 0 0 R R 0 0
S
T
A
R
T
3 2 1 0
A
C
K
1 0
A
C
K
S
T
O
P
Transfer Wiper Control Register (WCR) to Data Register (DR)
DEVICE ADDRESSES
INSTRUCTION
0 1 0 1 A A A A
1 1 1 0 R R P P
S
T
A
R
T
3 2 1 0
A
C
K
1 010
A
C
K
S
T
O
P
Transfer Data Register (DR) to Wiper Control Register (WCR)
DEVICE ADDRESSES
INSTRUCTION
0 1 0 1 A A A A
1 1 0 1 R R P P
S
T
A
R
T
3 2 1 0
A
C
K
1 010
A
C
K
S
T
O
P
Increment (I)/Decrement (D) Wiper Control Register (WCR)
DEVICE ADDRESSES
INSTRUCTION
DATA
0 1 0 1 A A A A
0 0 1 0 0 0 P P
S
T
A
R
T
3 2 1 0
A
C
K
1 0
A
C
K
I
\
D
I
\
D
. . .
I
\
D
I
\
D
S
T
O
P
Note:
(1) Any write or transfer to the Non-volatile Data Registers is followed by a high voltage cycle after a STOP has been issued.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com