Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54LVTH574 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN54LVTH574
Description  3.3-V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54LVTH574 Datasheet(HTML) 5 Page - Texas Instruments

  SN54LVTH574 Datasheet HTML 1Page - Texas Instruments SN54LVTH574 Datasheet HTML 2Page - Texas Instruments SN54LVTH574 Datasheet HTML 3Page - Texas Instruments SN54LVTH574 Datasheet HTML 4Page - Texas Instruments SN54LVTH574 Datasheet HTML 5Page - Texas Instruments SN54LVTH574 Datasheet HTML 6Page - Texas Instruments SN54LVTH574 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SN54LVTH574, SN74LVTH574
3.3-V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
WITH 3-STATE OUTPUTS
SCBS688D – MAY 1997 – REVISED APRIL 1999
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range (unless otherwise
noted) (see Figure 1)
SN54LVTH574
SN74LVTH574
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency
150
150
150
150
MHz
tw
Pulse duration, CLK high or low
3.3
3.3
3.3
3.3
ns
tsu
Setup time, data before CLK
↑
2
2.4
2
2.4
ns
th
Hold time, data after CLK
↑
0.9
0.9
0.3
0
ns
switching characteristics over recommended free-air temperature, CL = 50 pF (unless otherwise
noted) (see Figure 1)
SN54LVTH574
SN74LVTH574
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
UNIT
MIN
MAX
MIN
MAX
MIN
TYP†
MAX
MIN
MAX
fmax
150
150
150
150
MHz
tPLH
CLK
Q
1.7
4.9
5.9
1.8
3
4.5
5.3
ns
tPHL
CLK
Q
1.7
4.9
5.5
1.8
3
4.5
5.3
ns
tPZH
OE
Q
1.4
5.1
6.5
1.5
3.2
4.8
5.9
ns
tPZL
OE
Q
1.4
5.1
6.1
1.5
3.5
4.8
5.9
ns
tPHZ
OE
Q
1
5.9
6.4
2
3.5
4.8
5.1
ns
tPLZ
OE
Q
0.8
4.8
5.3
2
3.2
4.4
4.4
ns
† All typical values are at VCC = 3.3 V, TA = 25°C.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com