Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN55113 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN55113
Description  DUAL DIFFERENTIAL LINE DRIVERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN55113 Datasheet(HTML) 1 Page - Texas Instruments

  SN55113 Datasheet HTML 1Page - Texas Instruments SN55113 Datasheet HTML 2Page - Texas Instruments SN55113 Datasheet HTML 3Page - Texas Instruments SN55113 Datasheet HTML 4Page - Texas Instruments SN55113 Datasheet HTML 5Page - Texas Instruments SN55113 Datasheet HTML 6Page - Texas Instruments SN55113 Datasheet HTML 7Page - Texas Instruments SN55113 Datasheet HTML 8Page - Texas Instruments SN55113 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SN55113, SN75113
DUAL DIFFERENTIAL LINE DRIVERS
SLLS070C – SEPTEMBER 1973 – REVISED MARCH 1997
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Choice of Open-Collector, Open-Emitter, or
3-State Outputs
D High-Impedance Output State for
Party-Line Applications
D Single-Ended or Differential AND/NAND
Outputs
D Single 5-V Supply
D Dual Channel Operation
D Compatible With TTL
D Short-Circuit Protection
D High-Current Outputs
D Common and Individual Output Controls
D Clamp Diodes at Inputs and Outputs
D Easily Adaptable to SN55114 and SN75114
Applications
D Designed for Use With SN55115 and
SN75115
description
The SN55113 and SN75113 dual differential line
drivers with 3-state outputs are designed to
provide all the features of the SN55114 and
SN75114 line drivers with the added feature of
driver output controls. Individual controls are
provided for each output pair, as well as a
common control for both output pairs. If any output
is low, the associated output is in a high-impedance state and the output can neither drive nor load the bus. This
permits many devices to be connected together on the same transmission line for party-line applications.
The output stages are similar to TTL totem-pole outputs, but with the sink outputs, YS and ZS, and the
corresponding active pullup terminals, YP and ZP, available on adjacent package pins.
The SN55113 is characterized for operation over the full military temperature range of – 55
°C to 125°C. The
SN75113 is characterized for operation over the temperature range of 0
°C to 70°C.
Copyright
© 1997, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1ZP
1ZS
1YS
1YP
1A
1B
1C
GND
VCC
2ZP
2ZS
2YS
2YP
2A
2C
CC
SN55113 ...J OR W PACKAGE
SN75113 ...N PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
2ZS
2YS
NC
2YP
2A
1YS
1YP
NC
1A
1B
SN55113 . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection


Similar Part No. - SN55113

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55113 TI-SN55113 Datasheet
2Mb / 13P
Dual differential line drivers
SN55113 TI1-SN55113 Datasheet
859Kb / 23P
DUAL DIFFERENTIAL LINE DRIVERS
SN55113J TI-SN55113J Datasheet
228Kb / 13P
DUAL DIFFERENTIAL LINE DRIVERS
SN55113J TI1-SN55113J Datasheet
859Kb / 23P
DUAL DIFFERENTIAL LINE DRIVERS
SN55113 TI1-SN55113_14 Datasheet
859Kb / 23P
DUAL DIFFERENTIAL LINE DRIVERS
More results

Similar Description - SN55113

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
AM26LS30 MOTOROLA-AM26LS30 Datasheet
167Kb / 14P
DUAL DIFFERENTIAL/ QUAD SINGLE.ENDED LINE DRIVERS
logo
Texas Instruments
DS8830 TI-DS8830 Datasheet
153Kb / 17P
DUAL DIFFERENTIAL LINE DRIVERS
SN55114 TI-SN55114 Datasheet
490Kb / 15P
DUAL DIFFERENTIAL LINE DRIVERS
THS6002 TI-THS6002 Datasheet
718Kb / 40P
DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
National Semiconductor ...
DS75114 NSC-DS75114 Datasheet
135Kb / 6P
Dual Differential Line Drivers
logo
Texas Instruments
SNJ55113 TI-SNJ55113 Datasheet
228Kb / 13P
DUAL DIFFERENTIAL LINE DRIVERS
SNJ75113 TI-SNJ75113 Datasheet
2Mb / 13P
Dual differential line drivers
DS8830 TI1-DS8830_15 Datasheet
782Kb / 19P
DUAL DIFFERENTIAL LINE DRIVERS
SN55113 TI1-SN55113_14 Datasheet
859Kb / 23P
DUAL DIFFERENTIAL LINE DRIVERS
SN55114 TI1-SN55114_15 Datasheet
476Kb / 18P
DUAL DIFFERENTIAL LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com