Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN55114 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN55114
Description  DUAL DIFFERENTIAL LINE DRIVERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN55114 Datasheet(HTML) 1 Page - Texas Instruments

  SN55114 Datasheet HTML 1Page - Texas Instruments SN55114 Datasheet HTML 2Page - Texas Instruments SN55114 Datasheet HTML 3Page - Texas Instruments SN55114 Datasheet HTML 4Page - Texas Instruments SN55114 Datasheet HTML 5Page - Texas Instruments SN55114 Datasheet HTML 6Page - Texas Instruments SN55114 Datasheet HTML 7Page - Texas Instruments SN55114 Datasheet HTML 8Page - Texas Instruments SN55114 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
SN55114, SN75114
DUAL DIFFERENTIAL LINE DRIVERS
SLLS071C – SEPTEMBER 1973 – REVISED SEPTEMBER 1998
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Choice of Open-Collector, Open-Emitter, or
Totem-Pole Outputs
D Single-Ended or Differential AND/NAND
Outputs
D Single 5-V Supply
D Dual-Channel Operation
D TTL Compatible
D Short-Circuit Protection
D High-Current Outputs
D Triple inputs
D Clamp Diodes at Inputs and Outputs
D Designed for Use With SN55115 and
SN75115 Differential Line Receivers
D Designed to Be Interchangeable With
National DS9614 Line Driver
description
The SN55114 and SN75114 dual differential line
drivers are designed to provide differential output
signals with the high-current capability for driving
balanced lines, such as twisted pair, at normal line
impedances without high power dissipation. The
output stages are similar to TTL totem-pole
outputs, but with the sink outputs, YS and ZS, and
the corresponding active pullup terminals, YP and
ZP, available on adjacent package pins. Since the
output stages provide TTL-compatible output
levels, these devices can also be used as TTL
expanders or phase splitters.
The SN55114 is characterized for operation over the full military temperature range of – 55
°C to 125°C. The
SN75114 is characterized for operation from 0
°C to 70°C.
FUNCTION TABLE
INPUTS
OUTPUTS
A
B
C
Y
Z
H
H
H
H
L
All other input combinations
L
H
H = high level, L = low level
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1ZP
1ZS
1YS
1YP
1A
1B
1C
GND
VCC
2ZP
2ZS
2YS
2YP
2C
2B
2A
SN55114 ...J OR W PACKAGE
SN75114 ...D OR N PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
2ZS
2YS
NC
2YP
2C
1YS
1YP
NC
1A
1B
SN55114 . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection


Similar Part No. - SN55114

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55114 TI1-SN55114 Datasheet
476Kb / 18P
DUAL DIFFERENTIAL LINE DRIVERS
SN55114 TI2-SN55114 Datasheet
950Kb / 18P
DUAL DIFFERENTIAL LINE DRIVERS
REVISED SEPTEMBER 1998
SN55114J TI1-SN55114J Datasheet
476Kb / 18P
DUAL DIFFERENTIAL LINE DRIVERS
SN55114J TI2-SN55114J Datasheet
950Kb / 18P
DUAL DIFFERENTIAL LINE DRIVERS
REVISED SEPTEMBER 1998
SN55114J.A TI2-SN55114J.A Datasheet
950Kb / 18P
DUAL DIFFERENTIAL LINE DRIVERS
REVISED SEPTEMBER 1998
More results

Similar Description - SN55114

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
AM26LS30 MOTOROLA-AM26LS30 Datasheet
167Kb / 14P
DUAL DIFFERENTIAL/ QUAD SINGLE.ENDED LINE DRIVERS
logo
Texas Instruments
DS8830 TI-DS8830 Datasheet
153Kb / 17P
DUAL DIFFERENTIAL LINE DRIVERS
SN55113 TI-SN55113 Datasheet
213Kb / 12P
DUAL DIFFERENTIAL LINE DRIVERS
THS6002 TI-THS6002 Datasheet
718Kb / 40P
DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
National Semiconductor ...
DS75114 NSC-DS75114 Datasheet
135Kb / 6P
Dual Differential Line Drivers
logo
Texas Instruments
SNJ55113 TI-SNJ55113 Datasheet
228Kb / 13P
DUAL DIFFERENTIAL LINE DRIVERS
SNJ75113 TI-SNJ75113 Datasheet
2Mb / 13P
Dual differential line drivers
DS8830 TI1-DS8830_15 Datasheet
782Kb / 19P
DUAL DIFFERENTIAL LINE DRIVERS
SN55113 TI1-SN55113_14 Datasheet
859Kb / 23P
DUAL DIFFERENTIAL LINE DRIVERS
SN55114 TI1-SN55114_15 Datasheet
476Kb / 18P
DUAL DIFFERENTIAL LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com