Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN55138 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN55138
Description  QUADRUPLE BUS TRANSCEIVERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN55138 Datasheet(HTML) 1 Page - Texas Instruments

  SN55138 Datasheet HTML 1Page - Texas Instruments SN55138 Datasheet HTML 2Page - Texas Instruments SN55138 Datasheet HTML 3Page - Texas Instruments SN55138 Datasheet HTML 4Page - Texas Instruments SN55138 Datasheet HTML 5Page - Texas Instruments SN55138 Datasheet HTML 6Page - Texas Instruments SN55138 Datasheet HTML 7Page - Texas Instruments SN55138 Datasheet HTML 8Page - Texas Instruments SN55138 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SN55138, SN75138
QUADRUPLE BUS TRANSCEIVERS
SLLS079B – SEPTEMBER 1973 – REVISED MAY 1995
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Single 5-V Supply
D High-Input-Impedance, High-Threshold
Receivers
D Common Driver Strobe
D TTL-Compatible Driver and Strobe Inputs
With Clamp Diodes
D High-Speed Operation
D 100-mA Open-Collector Driver Outputs
D Four Independent Channels
D TTL-Compatible Receiver Output
description
The SN55138 and SN75138 quadruple bus
transceivers are designed for two-way data
communication over single-ended transmission
lines. Each of the four identical channels consists
of a driver with TTL inputs and a receiver with a
TTL output. The driver open-collector output is
designed to handle loads up to 100-mA open
collector.
The
receiver
input
is
internally
connected to the driver output, and has a high
impedance
to
minimize
loading
of
the
transmission line. Because of the high driver-
output current and the high receiver-input
impedance, a very large number (typically
hundreds) of transceivers may be connected to a
single data bus.
The receiver design also features a threshold of 2.3 V (typical), providing a wider noise margin than would be
possible with a receiver having the usual TTL threshold. A strobe turns off all drivers (high impedance) but does
not affect receiver operation. These circuits are designed for operation from a single 5-V supply and include a
provision to minimize loading of the data bus when the power-supply voltage is zero.
The SN55138 is characterized for operation over the full military temperature range of – 55
°C to 125°C. The
SN75138 is characterized for operation from 0
°C to 70°C.
Copyright
© 1995, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
4R
4D
NC
S
3D
1R
1D
NC
2D
2R
SN55138 . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
GND
1B
1R
1D
2D
2R
2B
GND
VCC
4B
4R
4D
S
3D
3R
3B
SN55138 ...J OR W PACKAGE
SN75138 ...D OR N PACKAGE
(TOP VIEW)


Similar Part No. - SN55138

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55138 TI1-SN55138 Datasheet
952Kb / 24P
QUADRUPLE BUS TRANSCEIVERS
SN55138 TI2-SN55138 Datasheet
732Kb / 24P
QUADRUPLE BUS TRANSCEIVERS
REVISED MAY 1995
SN55138J TI1-SN55138J Datasheet
952Kb / 24P
QUADRUPLE BUS TRANSCEIVERS
SN55138 TI1-SN55138_14 Datasheet
952Kb / 24P
QUADRUPLE BUS TRANSCEIVERS
More results

Similar Description - SN55138

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26S10C TI-AM26S10C Datasheet
124Kb / 7P
QUADRUPLE BUS TRANSCEIVERS
REVISED MARCH 1997
SN54LS242 TI-SN54LS242 Datasheet
135Kb / 4P
QUADRUPLE BUS TRANSCEIVERS
SN54LS440 TI-SN54LS440 Datasheet
288Kb / 7P
QUADRUPLE TRIDIRECTIONAL BUS TRANSCEIVERS
SN54LS446 TI-SN54LS446 Datasheet
230Kb / 7P
QUADRUPLE BUS TRANSCEIVERS WITH INDIVIDUAL DIRECTION CONTROLS
SN54F243 TI-SN54F243 Datasheet
74Kb / 5P
QUADRUPLE BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LS242 RENESAS-HD74LS242 Datasheet
190Kb / 7P
Quadruple Bus Transceivers (with three-state outputs)
HD74LS243 RENESAS-HD74LS243 Datasheet
184Kb / 7P
Quadruple Bus Transceivers (with three-state outputs)
logo
Texas Instruments
AM26S10C TI-AM26S10C_08 Datasheet
540Kb / 13P
QUADRUPLE BUS TRANSCEIVERS
SN54LS243 TI1-SN54LS243 Datasheet
900Kb / 14P
QUADRUPLE BUS TRANSCEIVERS
SN55138 TI1-SN55138_14 Datasheet
952Kb / 24P
QUADRUPLE BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com