Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN55173 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN55173
Description  QUADRUPLE DIFFERENTIAL LINE RECEIVERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN55173 Datasheet(HTML) 1 Page - Texas Instruments

  SN55173 Datasheet HTML 1Page - Texas Instruments SN55173 Datasheet HTML 2Page - Texas Instruments SN55173 Datasheet HTML 3Page - Texas Instruments SN55173 Datasheet HTML 4Page - Texas Instruments SN55173 Datasheet HTML 5Page - Texas Instruments SN55173 Datasheet HTML 6Page - Texas Instruments SN55173 Datasheet HTML 7Page - Texas Instruments SN55173 Datasheet HTML 8Page - Texas Instruments SN55173 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SN55173, SN65173, SN75173
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SLLS144E – OCTOBER 1980 – REVISED APRIL 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Meet or Exceed the Requirements of
TIA/EIA-422-B, TIA/EIA-423-B, and
TIA/EIA-485-A and ITU Recommendations
V.10, V.11, X.26, and X.27
D Designed for Multipoint Bus Transmission
on Long Bus Lines in Noisy Environments
D 3-State Outputs
D Common-Mode Input Voltage Range of
– 12 V to 12 V
D Input Sensitivity ... ±200 mV
D Input Hysteresis . . . 50 mV Typ
D High Input Impedance . . . 12 kΩ Min
D Operate From Single 5-V Supply
D Low Power Requirements
D Pin-to-Pin Replacement for AM26LS32
description
The SN55173, SN65173, and SN75173 are
monolithic quadruple differential line receivers
with 3-state outputs. They are designed to meet
the
requirements
of
TIA/EIA-422-B,
TIA/EIA-423-B, TIA/EIA-485-A, and several ITU
recommendations.
The
standards
are
for
balanced multipoint bus transmission at rates up
to 10 megabits per second. The four receivers
share two OR enable inputs, one active when
high, the other active when low. These devices
feature high input impedance, input hysteresis for
increased noise immunity, and input sensitivity of
±200 mV over a common-mode input voltage
range of – 12 V to 12 V. Fail-safe design specifies
that if the inputs are open circuited, the outputs are
always high. The SN65173 and SN75173 are
designed for optimum performance when used
with the SN75172 or SN75174 quad differential
line drivers.
The SN55173 is characterized over the full military temperature range of – 55
°C to 125°C. The SN65173 is
characterized for operation from –40
°C to 85°C. The SN75173 is characterized for operation from 0°C to 70°C.
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1B
1A
1Y
G
2Y
2A
2B
GND
VCC
4B
4A
4Y
G
3Y
3A
3B
SN55173 ...J PACKAGE
SN65173, SN75173 ...D OR N PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
4A
4Y
NC
G
3Y
1Y
G
NC
2Y
2A
SN55173 . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection
THE SN55173 IS NOT RECOMMENDED
FOR NEW DESIGNS.


Similar Part No. - SN55173

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55173 TI-SN55173 Datasheet
474Kb / 18P
QUADRUPLE DIFFERENTIAL LINE RECEVERS
SN55173 TI1-SN55173 Datasheet
791Kb / 20P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55173J TI-SN55173J Datasheet
474Kb / 18P
QUADRUPLE DIFFERENTIAL LINE RECEVERS
SN55173J TI1-SN55173J Datasheet
791Kb / 20P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55173 TI-SN55173_06 Datasheet
474Kb / 18P
QUADRUPLE DIFFERENTIAL LINE RECEVERS
More results

Similar Description - SN55173

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26C32C TI-AM26C32C Datasheet
106Kb / 17P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55ALS195 TI-SN55ALS195 Datasheet
164Kb / 12P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN65175 TI-SN65175 Datasheet
152Kb / 10P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_06 Datasheet
541Kb / 18P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN65175 TI-SN65175_06 Datasheet
431Kb / 16P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_07 Datasheet
903Kb / 23P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_10 Datasheet
1,008Kb / 24P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI1-AM26LS32AC_16 Datasheet
1Mb / 27P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN65175 TI1-SN65175_15 Datasheet
1,010Kb / 19P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55173 TI1-SN55173_15 Datasheet
791Kb / 20P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com