Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS1A Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # GS1A
Description  SURFACE MOUNT GENERAL RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

GS1A Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  GS1A Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. GS1A Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dated : 14/04/2008
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
GS1A THRU GS1M
REVERSE VOLTAGE, VOLTS
0.1
0.1
1
10
100
TYPICAL JUNCTION CAPACITANCE
100
10
Tj=25 C
200
o
t, PULSE DURATION,sec.
0.01
0.1
0.1
1
10
100
TYPICAL TRANSIENT THERMAL IMPEDANCE
1
10
100
TJ=25 C
PERCENT OF PEAK REVERSE VOLTAGE, %
0.1
0.01
0
20
40
60
80
100
TYPICAL REVERSE CHARACTERISTICS
100
1
10
1000
TJ=150 C
TJ=100 C
TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, V
0.6
0.01
0.1
0.8
1.0
10
1
20
1.4
1.2
1.5
MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
1
5
10
15
25
20
30
NUMBER OF CYCLES AT 60 Hz
10
100
8.3ms SINGLE HALF
SINE-WAVE
(JEDEC Method)
Ambient Temperature ( C )
0.4
0.2
single phase half wave 60Hz
rsistive or inductive load
0
50
100
150
175
Forward current derating curve
1.0
0.8
0.6



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com