Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7G Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # M7G
Description  SURFACE MOUNT GENERAL RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

M7G Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  M7G Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. M7G Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 14/04/2008
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
M1G THRU M7G
SURFACE MOUNT GENERAL RECTIFIER
Reverse Voltage – 50 to 1000 V
Forward Current – 1 A
Features
•
For surface mounted applications
•
Low profile package
•
Built-in strain relief
•
Easy pick and place
•
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
•
Glass passivated chip junction
Mechanical Data
•
Case: SMA (DO-214AC), molded plastic.
•
Terminals: Solder plated, solderable per MIL-STD-750
Method 2026
•
Polarity: Indicated by cathode band.
Absolute Maximum Ratings and Characteristics
Ratings at 25OC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Paramter
Symbols M1G M2G M3G
M4G
M5G
M6G
M7G
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
at TL = 100 OC
I(AV)
1
A
Peak Forward Surge Current 8.3ms Single Half
Sine-wave Superimposed on Rated Load (JEDEC
method)
IFSM
30
A
Maximum Instantaneous Forward Voltage at 1 A
VF
1.1
V
Maximum DC Reverse Current
at TA = 25 OC
at Rated DC Blocking Voltage
at TA = 125 OC
IR
5
50
µA
Typical Junction Capacitance
1)
CJ
12
pF
Typical Thermal Resistance
2)
RθJL
30
O
C/W
Operating and Storage Temperature Range
TJ ,TS
- 55 to + 150
O
C
1) Measured at 1 MHz and applied V
R = 4 V.
2) 8 mm2 (0.013 mm thick) land areas.


Similar Part No. - M7G

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
M7G SHUNYE-M7G Datasheet
16Mb / 2P
SURFACE MOUNT GLASS GENERAL RECTIFIER
logo
Yangzhou yangjie electr...
M7G YANGJIE-M7G Datasheet
200Kb / 2P
General Purpose Rectifier
logo
Microdiode Semiconducto...
M7G CHENDA-M7G Datasheet
556Kb / 3P
SURFACE MOUNT GENERAL RECTIFIER
M7G CHENDA-M7G Datasheet
505Kb / 2P
SURFACE MOUNT RECTIFIER
logo
Rectron Semiconductor
M7G RECTRON-M7G Datasheet
163Kb / 6P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
More results

Similar Description - M7G

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
SOD4001 BWTECH-SOD4001_7 Datasheet
365Kb / 3P
SURFACE MOUNT GENERAL RECTIFIER
logo
Rugao Dachang Electroni...
S1AL DACHANG-S1AL Datasheet
128Kb / 2P
Surface Mount General Rectifier
S3A DACHANG-S3A Datasheet
116Kb / 2P
Surface Mount General Rectifier
logo
Diotech Company.
S5A DIOTECH-S5A Datasheet
727Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
Microdiode Semiconducto...
S3A CHENDA-S3A Datasheet
551Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
S3AF CHENDA-S3AF Datasheet
639Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
Shenzhen Yixinwei Techn...
M1THRUM7 YIXIN-M1THRUM7 Datasheet
133Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
Microdiode Semiconducto...
GS1A CHENDA-GS1A_V01 Datasheet
752Kb / 3P
SURFACE MOUNT GENERAL RECTIFIER
S1A CHENDA-S1A_V01 Datasheet
599Kb / 3P
SURFACE MOUNT GENERAL RECTIFIER
logo
SHIKUES Electronics
GS1AG SKTECHNOLGY-GS1AG Datasheet
603Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com