Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN55110 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN55110
Description  DUAL LINE DRIVERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN55110 Datasheet(HTML) 1 Page - Texas Instruments

  SN55110 Datasheet HTML 1Page - Texas Instruments SN55110 Datasheet HTML 2Page - Texas Instruments SN55110 Datasheet HTML 3Page - Texas Instruments SN55110 Datasheet HTML 4Page - Texas Instruments SN55110 Datasheet HTML 5Page - Texas Instruments SN55110 Datasheet HTML 6Page - Texas Instruments SN55110 Datasheet HTML 7Page - Texas Instruments SN55110 Datasheet HTML 8Page - Texas Instruments SN55110 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SN55110A, SN75110A, SN75112
DUAL LINE DRIVERS
SLLS106E – DECEMBER 1975 – REVISED APRIL 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Improved Stability Over Supply Voltage and
Temperature Ranges
D Constant-Current Outputs
D High Speed
D Standard Supply Voltages
D High Output Impedance
D High Common-Mode Output Voltage Range
. . . –3 V to 10 V
D TTL-Input Compatibility
D Inhibitor Available for Driver Selection
D Glitch-Free During Power Up/Power Down
D SN75112 and External Circuit Meets or
Exceeds the Requirements of CCITT
Recommendation V.35
D Package Options Include Plastic
Small-Outline (D), Package, and Ceramic
Chip Carriers (FK), Standard Plastic (N) and
Ceramic (J) DIPs
description
The SN55110A, SN75110A, and SN75112 dual
line
drivers
have
improved
output
current
regulation with supply voltage and temperature
variations. In addition, the higher current of the
SN75112 (27 mA) allows data to be transmitted
over longer lines. These drivers offer optimum
performance when used with the SN55107A,
SN75107A, and SN75108A line receivers.
These drivers feature independent channels with common voltage supply and ground terminals. The significant
difference between the three drivers is in the output-current specification. The driver circuits feature a constant
output current that is switched to either of two output terminals by the appropriate logic levels at the input
terminals. The output current can be switched off (inhibited) by low logic levels on the enable inputs. The output
current is nominally 12 mA for the ’110A devices, and is 27 mA for the SN75112.
The enable/inhibit feature is provided so the circuits can be used in party-line or data-bus applications. A strobe
or inhibitor (enable D), common to both drivers, is included for increased driver-logic versatility. The output
current in the inhibited mode, IO(off), is specified so that minimum line loading is induced when the driver is used
in a party-line system with other drivers. The output impedance of the driver in the inhibited mode is very high.
The output impedance of a transistor is biased to cutoff.
The driver outputs have a common-mode voltage range of –3 V to 10 V, allowing common-mode voltage on the
line without affecting driver performance.
All inputs are diode clamped and are designed to satisfy TTL-system requirements. The inputs are tested at
2 V for high-logic-level input conditions and 0.8 V for low-logic-level input conditions. These tests ensure
400-mV noise margin when interfaced with TTL Series 54/74.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
1C
2C
2A
2B
GND
VCC+
1Y
1Z
VCC–
D
2Z
2Y
SN55110A ...J OR W PACKAGE
SN75110A, SN75112 ...D OR N PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
1Z
NC
VCC–
NC
D
1C
NC
2C
NC
2A
SN55110A . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection


Similar Part No. - SN55110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55110 TI-SN55110 Datasheet
172Kb / 11P
DUAL LINE DRIVERS
SN55110A TI-SN55110A Datasheet
172Kb / 11P
DUAL LINE DRIVERS
SN55110A TI-SN55110A Datasheet
374Kb / 16P
DUAL LINE DRIVERS
SN55110A TI-SN55110A Datasheet
547Kb / 18P
DUAL LINE DRIVERS
SN55110A TI1-SN55110A Datasheet
875Kb / 22P
DUAL LINE DRIVERS
More results

Similar Description - SN55110

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS75110A NSC-DS75110A Datasheet
306Kb / 7P
Dual Line Drivers
logo
Texas Instruments
SN55109A TI-SN55109A Datasheet
172Kb / 11P
DUAL LINE DRIVERS
SN55113 TI-SN55113 Datasheet
213Kb / 12P
DUAL DIFFERENTIAL LINE DRIVERS
SN55121 TI-SN55121 Datasheet
117Kb / 7P
DUAL LINE DRIVERS
SN55110A TI-SN55110A_03 Datasheet
374Kb / 16P
DUAL LINE DRIVERS
SN55110A TI-SN55110A_06 Datasheet
547Kb / 18P
DUAL LINE DRIVERS
SN55110A TI1-SN55110A_14 Datasheet
875Kb / 22P
DUAL LINE DRIVERS
SN55113 TI1-SN55113_14 Datasheet
859Kb / 23P
DUAL DIFFERENTIAL LINE DRIVERS
SN55121 TI1-SN55121_14 Datasheet
441Kb / 14P
DUAL LINE DRIVERS
SN55110A TI-SN55110A_V01 Datasheet
1Mb / 23P
DUAL LINE DRIVERS
REVISED NOVEMBER 2024
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com