Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF08M Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # DF08M
Description  MINIATURE GLASS PASSIVATED SINGLE-PHASE-BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

DF08M Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  DF08M Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. DF08M Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dated : 25/04/2006 H
R
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
FIG.4-TYPICAL REVERSE LEAKAGE
CHARACTERISTICS PER LEG
FIG.6-TYPICAL TRANSIENT THERMAL
IMPEDANCE
PERCENT OF RATED PEAK REVERSE
VOLTAGE,%
REVERSE VOLTAGE, VOLTS
FIG.5-TYPICAL JUNCTION
CAPACITANCE PER LEG
TJ=25 C
f=1.0MHz
Vsig=50mVP-P
1
1
10
10
100
o
100
0.1
0.01
1
10
100
o
TJ=25 C
PULSE WIDTH=300 s
1% DUTY CYCLE
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
0.01
0.4
0.8
0.6
1.0
0.1
1
1.2
1.4
0.01
0
0.1
1
10
FIG.3-TYPICAL FORWARD CHARACTERISTICS
PER LEG
100
P.C.B MOUNTED ON
0.51X0.51"(13X13mm)
COPPER PADS WITH
0.06"(1.5mm) LEAD LENGTH
AMBIENT TEMPERATURE, C
10
0
20
0.5
40
60
80
o
100
140
120
150
0
1
10
30
20
40
60Hz
RESISTIVE OR
INDUCTIVE LOAD
FIG.1-DERATING CURVE OUTPUT RECTIFIED CURRENT
1.0
60
50
1, HEATING TIME, sec.
0.1
1
10
100
TJ=25 C
40
20
60
o
100
80
TJ=25 C
o
100
NUMBER OF CYCLES AT 60 Hz
1.0 CYCLE
10
TJ=150 C
SINGLE SINE-WAVE
(JEDEC Method)
o
FIG.2-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT PER LEG
DF 005M THRU DF 10M



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com