Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF13 Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # SF13
Description  SUPERFAST RECOVERY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

SF13 Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  SF13 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. SF13 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dated : 13/05/2005 H
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
SF11~SF18
Percent of rated peak reverse voltage, %
0
0.1
40
80
120
TJ=100
C
Typical reverse characteristics
1
000
1
10
100
TJ=25 C
Typical forward characteristics
Forward voltage, V
0.01
0.4
0.8
1
10
0.1
100
SF15~SF16
TJ=25 C
Pulse width=300 s
1% duty cycle
1.2
1.6
1.8
SF17~SF18
SF11~SF14
PULSE
GEN
ERATOR
(NOTE 2)
REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50
NONINDUCTIVE
NOTES:1. Rise Time=7ns max. Input Impedance=
1 megohm 22 pf
2. Rise Time=10ns max. Sourse Impedance=
50 ohms
(+)
5
0Vdc
(appox)
(-)
OSCILLOSCOPE
(NOTE 1)
1
NON
INDUCTIVE
DUT
10
NONINDUCTIVE
SET TIME BASE FOR
5/10ns/cm
0
-1.0A
-0.25A
(+)
(-)
1cm
+0.5A
trr
Typical junction capacitance
Reverse voltage, V
100
Number of cycles at 60Hz
1
10
20
30
0
10
100
1
0.1
10
Maximum non-repeitive
forward surge current
SF15~SF18
25
75
SF11~SF14
175
125
1000



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com