Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN55110 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN55110
Description  DUAL LINE DRIVERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN55110 Datasheet(HTML) 1 Page - Texas Instruments

  SN55110 Datasheet HTML 1Page - Texas Instruments SN55110 Datasheet HTML 2Page - Texas Instruments SN55110 Datasheet HTML 3Page - Texas Instruments SN55110 Datasheet HTML 4Page - Texas Instruments SN55110 Datasheet HTML 5Page - Texas Instruments SN55110 Datasheet HTML 6Page - Texas Instruments SN55110 Datasheet HTML 7Page - Texas Instruments SN55110 Datasheet HTML 8Page - Texas Instruments SN55110 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SN55109A, SN55110A
SN75109A, SN75110A, SN75112
DUAL LINE DRIVERS
SLLS106B – DECEMBER 1975 – REVISED MAY 1995
Copyright
© 1995, Texas Instruments Incorporated
2–1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
• Improved Stability Over Supply Voltage and
Temperature Ranges
• Constant-Current Outputs
• High Speed
• Standard Supply Voltages
• High Output Impedance
• High Common-Mode Output Voltage Range
– 3 V to 10 V
• TTL-Input Compatibility
• Inhibitor Available for Driver Selection
• Glitch-Free During Power Up/Power Down
• SN75112 and External Circuit Meets or
Exceeds the Requirements of CCITT
Recommendation V.35
description
The
SN55109A,
SN55110A,
SN75109A,
SN75110A, and SN75112 dual line drivers have
improved output current regulation with supply
voltage and temperature variations. In addition,
the higher current of the SN75112 (27 mA) allows
data to be transmitted over longer lines. These
drivers offer optimum performance when used
with the SN55107A, SN55108A, SN75107A, and
SN75108A line receivers.
These drivers feature independent channels with
common voltage supply and ground terminals.
The significant difference between the three
drivers is in the output current specification. The driver circuits feature a constant output current that is switched
to either of two output terminals by the appropriate logic levels at the input terminals. The output current can
be switched off (inhibited) by low logic levels on the enable inputs. The output current is nominally 6 mA for the
’109A, 12 mA for the ’110A, and 27 mA for the SN75112.
The enable/inhibit feature is provided so the circuits can be used in party-line or data-bus applications. A strobe
or inhibitor (enable D), common to both drivers, is included for increased driver-logic versatility. The output
current in the inhibited mode, IO(off), is specified so that minimum line loading is induced when the driver is used
in a party-line system with other drivers. The output impedance of the driver in the inhibited mode is very high.
The output impedance of a transistor is biased to cutoff.
AVAILABLE OPTIONS
PACKAGED DEVICES
CERAMIC
TA
SMALL OUTLINE
(D)
CHIP CARRIER
(FK)
CERAMIC DIP
(J)
PLASTIC DIP
(N)
FLATPACK
(W)
SN75109AD
SN75109AN
0
°C to 70°C
SN75109AD
SN75110AD
SN75109AN
SN75110AN
SN75112D
SN75112N
SN55109AFK
SN55109AJ
SN55109AJ
SN55109AW
–55
°C to 125°C
SN55109AFK
SN55110AFK
SN55109AJ
SN55110AJ
SN55109AJ
SN55110AJ
SN55109AW
SN55110AW
55 C to 125 C
SN55110AFK
SN55110AJ
SN55110AJ
SN55110AW
The D package is available taped and reeled. Add the suffix R to the device type, (e.g., SN75110ADR).
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
1C
2C
2A
2B
GND
VCC+
1Y
1Z
VCC –
D
2Z
2Y
SN55109A, SN55110A ...J OR W PACKAGE
SN75109A, SN75110A, SN75112 ...D OR N PACKAGE
(TOP VIEW)
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
1Z
NC
VCC –
NC
D
1C
NC
2C
NC
2A
SN55109A, SN55110A . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection
THE SN75109A IS NOT
RECOMMENDED FOR NEW DESIGNS
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN55110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55110 TI-SN55110 Datasheet
148Kb / 10P
DUAL LINE DRIVERS
SN55110A TI-SN55110A Datasheet
148Kb / 10P
DUAL LINE DRIVERS
SN55110A TI-SN55110A Datasheet
374Kb / 16P
DUAL LINE DRIVERS
SN55110A TI-SN55110A Datasheet
547Kb / 18P
DUAL LINE DRIVERS
SN55110A TI1-SN55110A Datasheet
875Kb / 22P
DUAL LINE DRIVERS
More results

Similar Description - SN55110

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS75110A NSC-DS75110A Datasheet
306Kb / 7P
Dual Line Drivers
logo
Texas Instruments
SN55110A TI-SN55110A Datasheet
148Kb / 10P
DUAL LINE DRIVERS
SN55113 TI-SN55113 Datasheet
213Kb / 12P
DUAL DIFFERENTIAL LINE DRIVERS
SN55121 TI-SN55121 Datasheet
117Kb / 7P
DUAL LINE DRIVERS
SN55110A TI-SN55110A_03 Datasheet
374Kb / 16P
DUAL LINE DRIVERS
SN55110A TI-SN55110A_06 Datasheet
547Kb / 18P
DUAL LINE DRIVERS
SN55110A TI1-SN55110A_14 Datasheet
875Kb / 22P
DUAL LINE DRIVERS
SN55113 TI1-SN55113_14 Datasheet
859Kb / 23P
DUAL DIFFERENTIAL LINE DRIVERS
SN55121 TI1-SN55121_14 Datasheet
441Kb / 14P
DUAL LINE DRIVERS
SN55110A TI-SN55110A_V01 Datasheet
1Mb / 23P
DUAL LINE DRIVERS
REVISED NOVEMBER 2024
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com