Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EIM5259-4 Datasheet(PDF) 2 Page - Excelics Semiconductor, Inc.

Part # EIM5259-4
Description  5.2-5.9 GHz Multi-Stage Power Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

EIM5259-4 Datasheet(HTML) 2 Page - Excelics Semiconductor, Inc.

  EIM5259-4 Datasheet HTML 1Page - Excelics Semiconductor, Inc. EIM5259-4 Datasheet HTML 2Page - Excelics Semiconductor, Inc. EIM5259-4 Datasheet HTML 3Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
EIM5259-4
ISSUED: 10/17/2008
5.2-5.9 GHz Multi-Stage Power Amplifier
Specifications are subject to change without notice.
Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085
page 2 of 3
Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
Revised October 2008
MAXIMUM RATINGS @25°C1,2
SYMBOL
CHARACTERISTIC
ABSOLUTE
CONTINUOUS
1,2
VD1
Drain Supply Voltage 1
10V
7V
VD2
Drain Supply Voltage 2
14V
10V
Vgg
Gate Supply Voltage
-7V
-5 V
Igg
Gate Current
150mA
50 mA
PIN
Input Power
20dBm
@ 3dB compression
TCH
Channel Temperature
175°C
165°C
TSTG
Storage Temperature
-65/175°C
-65/175°C
PT
Total Power Dissipation
26W
20W
Notes: 1. Operating the device beyond any of the above rating may reduce MTTF and cause permanent damage.
2. Bias conditions must also satisfy the following equation Vdd*Idd < (TCH –Tb)/RTH
Package Dimension and Pin Assignment
.063
.157
.177
GND
.412
.206
.920
0.060X0.060
R0.063
(4 PLCS)
.120 MIN
.020
.100
.004
.669
.827
-5V
RF IN
VD1
N/C
.105
.920
.412
EXCELICS
RF OUT
VD2
Dimensions are in inches
* NC: No connection inside the package
EIM5259-4



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com