Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC1004W Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # KBPC1004W
Description  SINGLE-PHASE SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

KBPC1004W Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  KBPC1004W Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. KBPC1004W Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 16/07/2006
H
R
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
KBPC10005W~KBPC1010W
SINGLE-PHASE SILICON BRIDGE RECTIFIERS
REVERSE VOLTAGE: 50 V to 1000 V
FORWARD CURRENT: 10 A
Features
• Reliable low cost construction
• Ideal for printed circuit board
• Low forward voltage drop
• Low reverse leakage current
• High surge current capability
Mechanical Data
• Case: KBPCW
Absolute Maximum Ratings and Characteristics
Rating at 25 OC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Parameter
Symbol
KBPC
10005W
KBPC
1001W
KBPC
1002W
KBPC
1004W
KBPC
1006W
KBPC
1008W
KBPC
1010W
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Current at TC = 50 OC
I(AV)
10
A
Peak Forward Surge Current, 8.3 ms Single Half
Sine-wave Superimposed on Rated Load (JEDEC)
IFSM
200
A
Maximum Forward Voltage at 5 A DC and 25 OC
VF
1.2
V
Maximum Reverse Current at TA = 25 OC
at Rated DC Blocking Voltage TA = 100 OC
IR
10
500
µA
Typical Junction Capacitance
1)
CJ
200
pF
Typical Thermal Resistance
2)
RθJA
25
O
C/W
Typical Thermal Resistance
3)
RθJC
5
O
C/W
Operating and Storage Temperature Range
TJ,TS
- 55 to + 125
O
C
1) Measured at 1 MHz and applied reverse voltage of 4 VDC.
2) Unit mounted on 8.6 X 8.6 X 0.24" thick (22 X 22 X 0.6 cm) Al, Plate.
3) Unit mounted on P.C.B. at 0.375" (9.5 mm) lead length with 0.5 x 0.5" (12 x 12 mm) copper pads.
KBPCW


Similar Part No. - KBPC1004W

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC1004W WTE-KBPC1004W Datasheet
47Kb / 3P
10A HIGH CURRENT BRIDGE RECTIFIER
logo
Diotec Semiconductor
KBPC1004W DIOTEC-KBPC1004W Datasheet
153Kb / 2P
Silicon-Bridge Rectifiers
logo
Won-Top Electronics
KBPC1004W WTE-KBPC1004W Datasheet
54Kb / 4P
10A SINGLE-PHASE BRIDGE RECTIFIER
logo
Galaxy Semi-Conductor H...
KBPC1004W BILIN-KBPC1004W Datasheet
123Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
RFE international
KBPC1004W RFE-KBPC1004W Datasheet
902Kb / 4P
BRIDGE RECTIFIERS 10 Amps
More results

Similar Description - KBPC1004W

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
2W005M SEMTECH_ELEC-2W005M Datasheet
129Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIERS
KBPC10005 SEMTECH_ELEC-KBPC10005 Datasheet
332Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIERS
KBL005 SEMTECH_ELEC-KBL005 Datasheet
259Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIERS
RS801 SEMTECH_ELEC-RS801 Datasheet
246Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
RS10 CHENG-YI-RS10 Datasheet
145Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIERS
logo
Frontier Electronics.
BU6-005F FRONTIER-BU6-005F Datasheet
121Kb / 2P
6A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
logo
Shenzhen Luguang Electr...
KBL4005 LUGUANG-KBL4005 Datasheet
258Kb / 2P
Single Phase 4.0AMP. Silicon Bridge Rectifiers
logo
Rugao Dachang Electroni...
GBP201G DACHANG-GBP201G Datasheet
278Kb / 2P
Single phase Silicon Bridge Rectifiers
GBP301G DACHANG-GBP301G Datasheet
284Kb / 2P
Single phase Silicon Bridge Rectifiers
logo
New Jersey Semi-Conduct...
KBL005 NJSEMI-KBL005 Datasheet
83Kb / 1P
SINGLE - PHASE SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com