Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZPY10 Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # ZPY10
Description  ZENER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ZPY10 Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  ZPY10 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ZPY10 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. ZPY10 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Dated : 12/06/2007
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
ZPY3V9…ZPY82
Characteristics at Ta = 25 OC
Zener Voltage
VZ (V)
2) at I
ZT
Dynamic Resistance
rzj (Ω) at IZT f = 1 KHz
Type
Min.
Max.
Max.
Test
Current
IZT (mA)
Min. Reverse
Voltage
at IR = 0.5 µA
VR (V)
Admissible Zener
Current
IZ (mA)
1)
ZPY3V9
3.7
4.1
7
100
-
290
ZPY4V3
4
4.6
7
100
-
260
ZPY4V7
4.4
5
7
100
-
235
ZPY5V1
4.8
5.4
5
100
0.7
215
ZPY5V6
5.2
6
2
100
1.5
193
ZPY6V2
5.8
6.6
2
100
2
183
ZPY6V8
6.4
7.2
2
100
3
157
ZPY7V5
7
7.9
2
100
5
143
ZPY8V2
7.7
8.7
2
100
6
127
ZPY9V1
8.5
9.6
4
50
7
117
ZPY10
9.41
10.6
4
50
7.5
105
ZPY11
10.4
11.6
7
50
8.5
94
ZPY12
11.4
12.7
7
50
9
85
ZPY13
12.4
14.1
9
50
10
78
ZPY15
13.8
15.8
9
50
11
70
ZPY16
15.3
17.1
10
25
12
63
ZPY18
16.8
19.1
11
25
14
57
ZPY20
18.8
21.2
12
25
15
52
ZPY22
20.8
23.3
13
25
17
48
ZPY24
22.8
25.6
14
25
18
42
ZPY27
25.1
28.9
15
25
20
38
ZPY30
28
32
20
25
22.5
35
ZPY33
31
35
20
25
25
31
ZPY36
34
38
60
10
27
29
ZPY39
37
41
60
10
29
26
ZPY43
40
46
80
10
32
24
ZPY47
44
50
80
10
35
22
ZPY51
48
54
100
10
38
20
ZPY56
52
60
100
10
42
18
ZPY62
58
66
130
10
47
16
ZPY68
64
72
130
10
51
14
ZPY75
70
79
160
10
56
13
ZPY82
77
88
160
10
61
12
1) Valid provided that leads are kept at ambient temperature at a distance of 10 mm from case.
2) Tested with pulses tp = 20 ms.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com