Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HZ7LB2 Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # HZ7LB2
Description  SILICON EPITAXIAL PLANER ZENER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

HZ7LB2 Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  HZ7LB2 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. HZ7LB2 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. HZ7LB2 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Dated : 22/06/2007
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
HZ…L Series
Characteristics at Ta = 25 OC
Zener Voltage
Maximum Reverse Current
Maximum Dynamic Resistance
VZ (V)
1)
IR
rd
Type
Min.
Max.
IZ (mA)
(µA)
VR (V)
(Ω)
lZ (mA)
HZ11LA1
9.5
9.9
HZ11LA2
9.7
10.1
HZ11LA3
9.9
10.3
HZ11LB1
10.2
10.6
HZ11LB2
10.4
10.8
HZ11LB3
10.7
11.1
HZ11LC1
10.9
11.3
HZ11LC2
11.1
11.6
HZ11LC3
11.4
11.9
0.5
1
8
80
0.5
HZ12LA1
11.6
12.1
HZ12LA2
11.9
12.4
HZ12LA3
12.2
12.7
HZ12LB1
12.4
12.9
HZ12LB2
12.6
13.1
HZ12LB3
12.9
13.4
HZ12LC1
13.2
13.7
HZ12LC2
13.5
14
HZ12LC3
13.8
14.3
0.5
1
10.5
80
0.5
HZ15L1
14.1
14.7
HZ15L2
14.5
15.1
HZ15L3
14.9
15.5
0.5
1
13
80
0.5
HZ16L1
15.3
15.9
HZ16L2
15.7
16.5
HZ16L3
16.3
17.1
0.5
1
14
80
0.5
HZ18L1
16.9
17.7
HZ18L2
17.5
18.3
HZ18L3
18.1
19
0.5
1
15
80
0.5
HZ20L1
18.8
19.7
HZ20L2
19.5
20.4
HZ20L3
20.2
21.1
0.5
1
18
100
0.5
HZ22L1
20.9
21.9
HZ22L2
21.6
22.6
HZ22L3
22.3
23.3
0.5
1
20
100
0.5
HZ24L1
22.9
24
HZ24L2
23.6
24.7
HZ24L3
24.3
25.5
0.5
1
22
120
0.5
HZ27L1
25.2
26.6
HZ27L2
26.2
27.6
HZ27L3
27.2
28.6
0.5
1
24
150
0.5
HZ30L1
28.2
29.6
HZ30L2
29.2
30.6
HZ30L3
30.2
31.6
0.5
1
27
200
0.5
HZ33L1
31.2
32.6
HZ33L2
32.2
33.6
HZ33L3
33.2
34.6
0.5
1
30
250
0.5
HZ36L1
34.2
35.7
HZ36L2
35.3
36.8
HZ36L3
36.4
38
0.5
1
33
300
0.5
1) Tested with pulses tp = 20 ms.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com