Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMTR2224-11G40-RSS Datasheet(PDF) 2 Page - Stealth Microwave, Inc.

Part # SMTR2224-11G40-RSS
Description  2.2-2.4 GHz 10W Bi-Directional Power Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Direct Link  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.

SMTR2224-11G40-RSS Datasheet(HTML) 2 Page - Stealth Microwave, Inc.

  SMTR2224-11G40-RSS Datasheet HTML 1Page - Stealth Microwave, Inc. SMTR2224-11G40-RSS Datasheet HTML 2Page - Stealth Microwave, Inc. SMTR2224-11G40-RSS Datasheet HTML 3Page - Stealth Microwave, Inc. SMTR2224-11G40-RSS Datasheet HTML 4Page - Stealth Microwave, Inc. SMTR2224-11G40-RSS Datasheet HTML 5Page - Stealth Microwave, Inc. SMTR2224-11G40-RSS Datasheet HTML 6Page - Stealth Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
i Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
i Web site: www.stealthmicrowave.com
Model SMTR2224-11G40-RSS
2.2-2.4 GHz
10W Bi-Directional Power Amplifier
DIMENSIONS IN INCHES
Pin
Description
Values
RADIO
Input Connector (N Female)
+ 1.0 to 1.5 dBm (typ.)
ANT
Antenna Connector (N Female)
+40dBm average (802.11g 54Mbps)
J1
Power / Control Connector
See next page



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com