Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR207 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # FR207
Description  FAST RECOVERY RECTIFIERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

FR207 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  FR207 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dated : 23/08/2004
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, acompany
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
FR201 THRU FR207
FAST RECOVERY RECTIFIERS
Reverse Voltage – 50 to 1000 Volts
Forward Current – 2.0 Amperes
Features
•
High Current Capability
•
Fast switching for high efficiency
•
Low Leakage.
•
2 ampere operation at TA = 55℃ with no thermal runaway
Mechanical Data
•
Case: Molded plastic, DO-15
•
Lead: Axial leads, solderable per MIL-STD-202, method 208 guaranteed.
•
Polarity: Color band denotes cathode end
•
Mounting Position: Any
Absolute Maximum Ratings and Characteristics
Ratings at 25℃ ambient temperature unless otherwise specified, single phase, half wave, 60Hz,
resistive or inductive load, for capacitive load, derate current by 20%.
Symbols
FR
201
FR
202
FR
203
FR
204
FR
205
FR
206
FR
207
Units
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
Volts
Average forward rectified current .375” (9.5mm)
lead length at TA = 55℃
I(AV)
2
Amp
Peak forward surge current
8.3ms single half sine-wave
superimposed on rated load (JEDEC method)
IFSM
70
Amps
Maximum forward voltage
at 2A DC and 25
oC
VF
1.3
Volts
Maximum reverse current
at rated DC blocking voltage
TA = 25℃
TA = 100℃
IR
5
500
µA
Maximum reverse recovery time (Note 1)
Trr
150
250
500
nS
Typical junction capacitance (Note 2)
CJ
35
pF
Typical thermal resistance (Note3)
RΘJA
22
℃
/W
Operating and storage temperature range
TJ ,TS
-55 to +150
℃
1) Reverse recovery test conditions: IF = 0.5A, IR = 1A, Irr = 0.25A.
2) Measured at 1MHZ and applied reverse voltage of 4 VDC .
3) Thermal resistance junction to ambient and form junction to lead at 0.375” (9.5mm) lead length P.C.B. mounted.


Similar Part No. - FR207

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR207 WTE-FR207 Datasheet
46Kb / 3P
2.0A FAST RECOVERY RECTIFIER
logo
Rectron Semiconductor
FR207 RECTRON-FR207 Datasheet
24Kb / 2P
FAST RECOVERY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Jinan Gude Electronic D...
FR207 JGD-FR207 Datasheet
141Kb / 2P
2.0 AMPS. FAST RECOVRY RECTIFIERS
logo
Bytes
FR207 BYTES-FR207 Datasheet
152Kb / 2P
2.0 AMP FAST RECOVERY RECTIFIERS
logo
Dc Components
FR207 DCCOM-FR207 Datasheet
443Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
More results

Similar Description - FR207

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
S5295B EIC-S5295B Datasheet
44Kb / 2P
FAST RECOVERY RECTIFIERS
logo
Galaxy Semi-Conductor H...
ERD29-02 BILIN-ERD29-02 Datasheet
57Kb / 2P
FAST RECOVERY RECTIFIERS
FR05-12 BILIN-FR05-12 Datasheet
59Kb / 2P
FAST RECOVERY RECTIFIERS
logo
HY ELECTRONIC CORP.
FR301 HY-FR301 Datasheet
90Kb / 2P
FAST RECOVERY RECTIFIERS
logo
SeCoS Halbleitertechnol...
FR201 SECOS-FR201_15 Datasheet
166Kb / 2P
Fast Recovery Rectifiers
SMF101MH SECOS-SMF101MH_15 Datasheet
369Kb / 3P
Fast Recovery Rectifiers
logo
Leshan Radio Company
1F3 LRC-1F3_15 Datasheet
189Kb / 7P
Fast Recovery Rectifiers
1N4936 LRC-1N4936_15 Datasheet
200Kb / 7P
Fast Recovery Rectifiers
1N4947 LRC-1N4947_15 Datasheet
200Kb / 7P
Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157_14 Datasheet
379Kb / 4P
Fast Recovery Rectifiers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com