Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF38 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # SF38
Description  SUPER FAST RECTIFIERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

SF38 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  SF38 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dated : 21/04/2004
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, acompany
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
SF31 THRU SF38
SUPER FAST RECTIFIERS
Reverse Voltage – 50 to 600 Volts
Forward Current – 3.0 Amperes
Features
• The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
• Super fast switching for high efficiency
• Low reverse leakage
• High forward surge current capability
• High temperature soldering guaranteed:
250℃/10 seconds, 0.375” (9.5mm) lead length,
5 ibs, (2.3kg) tension
Mechanical Data
• Case: JEDEC DO-201AD molded plastic body
• Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026
• Polarity: Color band denotes cathode end
• Mounting Position: Any
Absolute Maximum Ratings and Characteristics
Rating at 25oC ambient temperature unless otherwise specified. Single-phase, half wave, 60Hz, resistive or
inductive load. For capacitive load, derate current by 20%.
Symbols SF31 SF32 SF33 SF34 SF35 SF36
SF38 Units
Repetitive Peak Reverse Voltage
VRRM
50
100
150
200
300
400
600
V
RMS Voltage
VRMS
35
70
105
140
210
280
420
V
DC Blocking Voltage
VDC
50
100
150
200
300
400
600
V
Average Forward Rectified Current 0.375”(9.5mm)
Lead Length at TA = 55
OC
I(AV)
3.0
A
Peak Forward Surge Current ,
8.3mS Single Half Sine-Wave Superimposed
on Rated Load (JEDEC Method)
IFSM
125
A
Instantaneous Forward Voltage @ 3.0A
VF
0.95
1.25
V
DC Reverse Current
@ TA = 25
OC
at Rated DC Blocking Voltage
@ TA = 100
OC
IR
IR
10
50
uA
uA
Reverse Recovery Time (Note 1)
Trr
35
nS
Typical Junction Capacitance (Note 2)
CJ
100
50
pF
Typical Thermal Resistance (Note 3)
RJA
30
℃
/W
Operating Junction Temperature Range
TJ
-65 to +150
℃
Storage Temperature Range
TS
-65 to +150
℃
Note: (1) Reverse recovery test conditions: IF = 0.5A, IR = 1A, IRR = 0.25A.
(2) Measured at 1 MHz and applied reverse voltage of 4 Volts D.C
(3) Thermal resistance from junction to ambient at 0.375” (9.5mm) lead length, P. C. B. mounted


Similar Part No. - SF38

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF38 MOSPEC-SF38 Datasheet
131Kb / 2P
POWER RECTIFIERS(3.0A,500-1000V)
logo
Bytes
SF38 BYTES-SF38 Datasheet
161Kb / 2P
3.0 AMP SUPER FAST RECTIFIERS
logo
Dc Components
SF38 DCCOM-SF38 Datasheet
479Kb / 2P
TECHNICAL SPECIFICATIONS OF SUPER FAST RECTIFIER
logo
EIC discrete Semiconduc...
SF38 EIC-SF38 Datasheet
31Kb / 2P
SUPER FAST RECTIFIER DIODES
logo
Micro Commercial Compon...
SF38 MCC-SF38 Datasheet
155Kb / 3P
3.0 Amp Super Fast Rectifier 50 to 600 Volts
More results

Similar Description - SF38

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
SUPER FAST RECTIFIERS
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
SUPER FAST RECTIFIERS
RL4A BILIN-RL4A Datasheet
55Kb / 2P
SUPER FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
SF801 HY-SF801 Datasheet
94Kb / 2P
SUPER FAST RECTIFIERS
SFF801 HY-SFF801 Datasheet
93Kb / 2P
SUPER FAST RECTIFIERS
logo
SeCoS Halbleitertechnol...
SF11 SECOS-SF11_15 Datasheet
151Kb / 2P
Super Fast Rectifiers
SF31 SECOS-SF31_15 Datasheet
151Kb / 2P
Super Fast Rectifiers
logo
Leshan Radio Company
SF14 LRC-SF14_15 Datasheet
201Kb / 7P
Super Fast Rectifiers
SF21 LRC-SF21_15 Datasheet
207Kb / 7P
Super Fast Rectifiers
SF27 LRC-SF27_15 Datasheet
208Kb / 7P
Super Fast Rectifiers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com