Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UG2D Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # UG2D
Description  SUPER FAST RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

UG2D Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  UG2D Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. UG2D Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dated : 22/07/2004
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, acompany
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
UG2A THRU UG2D
AMBIENT TEMPERATURE, °C
FIG.3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG.5-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,VOLTS
0.1
1
10
100
200
0.01
0
1
0.1
10
20
1.2
0
0
0.8
0.4
2.0
1.6
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
TJ=25°C
1.0
10
100
125
1.2
TJ=25°C
PULSE WIDTH=300us
1%DUTY CYCLE
0.4
0.8
FIG.1-FORWARD CURRENT
DERATING CURVE
Single Phase
Half Wave 60Hz
Resistive or
inductive Load
25
50
100
75
1.8
1.6
175
150
100
t,PULSE DURATION,sec.
PERCENT OF PEAK REVERSE VOLTAGE,%
FIG.4-TYPICAL REVERSE CHARACTERISTICS
FIG.6-TYPICAL TRANSIENT THERMAL IMPEDANCE
0.01
0.01
0.1
0
100
1
10
20
0.1
1
40
60
80
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
TJ=100°C
FIG.2-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
0.1
10
1
100
1.000
48
32
0
16
1
80
64
TJ=25°C
10
100
10
100



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com