Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33HCB Datasheet(PDF) 3 Page - SEMTECH ELECTRONICS LTD.

Part # 33HCB
Description  SILICON PLANAR ZENER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

33HCB Datasheet(HTML) 3 Page - SEMTECH ELECTRONICS LTD.

  33HCB Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 33HCB Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. 33HCB Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. 33HCB Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Dated : 22/06/2007
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
HC Series
Characteristics at Tj = 25 OC
Zener Voltage
1)
Dynamic Resistance
Reverse Leakage Current (IR at VR)
Type
Min. (V)
Max. (V)
lZT (mA)
(Ω) Max. at lZT
lZT (mA)
IR (µA) Max.
VR (V)
6V2HC
5.8
6.6
6V2HCA
5.81
6.06
6V2HCB
5.99
6.24
6V2HCC
6.16
6.4
20
10
20
5
3
6V8HC
6.4
7.2
6V8HCA
6.32
6.59
6V8HCB
6.52
6.79
6V8HCC
6.7
6.97
20
8
20
2
3.5
7V5HC
7
7.9
7V5HCA
6.88
7.19
7V5HCB
7.11
7.41
7V5HCC
7.33
7.64
20
8
20
0.5
4
8V2HC
7.7
8.7
8V2HCA
7.56
7.9
8V2HCB
7.82
8.15
8V2HCC
8.07
8.41
20
8
20
0.5
5
9V1HC
8.5
9.6
9V1HCA
8.33
8.7
9V1HCB
8.61
8.99
9V1HCC
8.89
9.29
20
8
20
0.5
6
10HC
9.4
10.9
10HCA
9.19
9.59
10HCB
9.48
9.9
10HCC
9.82
10.3
20
8
20
0.2
7
11HC
10.4
11.6
11HCA
10.18
10.63
11HCB
10.5
10.95
11HCC
10.82
11.26
10
10
10
0.2
8
12HC
11.4
12.6
12HCA
11.13
11.63
12HCB
11.5
11.92
12HCC
11.8
12.3
10
12
10
0.2
9
13HC
12.4
14.1
13HCA
12.18
12.71
13HCB
12.59
13.16
13HCC
13.03
13.62
10
14
10
0.2
10
15HC
13.8
15.6
15HCA
13.48
14.09
15HCB
13.95
14.56
15HCC
14.42
15.52
10
16
10
0.2
11
1) Tested with pulse tp = 20 ms.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com