Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF10SA Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # DF10SA
Description  MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

DF10SA Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  DF10SA Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. DF10SA Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 11/11/2002
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, acompany
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
DF005SA THRU DF10SA
MINIATURE GLASS PASSIVATED SINGLE-PHASE
SURFACE MOUNT BRIDGE RECTIFIERS
Reverse Voltage – 50 to 1000 Volts
Forward Current – 1.0 Ampere
Features
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-0.
• Glass passivated chip junctions.
• High surge overload rating of 30 Amperes peak.
• Ideal for printed circuit boards.
• High temperature soldering guaranteed:
250oC/10 seconds at 5 1bs. (2.3Kg) tension.
Mechanical Data
• Case: Molded plastic body over passivated junctions.
• Terminals: Plated leads solderable per MIL-STD-750,
Method 2026.
• Polarity: Polarity symbols marked on body.
• Mounting Position: Any.
Absolute Maximum Ratings and Characteristics
Ratings at 25
0C ambient temperature unless otherwise noted
Symbols
DF
005SA
DF
01SA
DF
02SA
DF
04SA
DF
06SA
DF
08SA
DF
10SA
Unit
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward output rectified current
at TA = 40
OC (2)
IF(AV)
1
A
Peak forward surge current single half sine-wave
superimposed on rated load (JEDEC Method) TJ=150
oC
IFSM
30
A
Maximum instantaneous forward voltage drop
per leg at 1A
VF
1.1
V
Maximum DC reverse current
TA = 25
OC
at rated DC blocking voltage per leg
TA = 125
OC
IR
5
500
µA
µA
Rating for fusing (t<8.3ms)
I
2t
4.5
A
2sec
Typical junction capacitance per leg
(1)
CJ
25
pF
Typical thermal resistance per leg
(2)
RθJA
RθJL
40
15
OC/W
Operating junction and storage temperature range
TJ ,TS
-50 to +150
OC
Notes:
(1). Measured at 1MHZ and applied reverse voltage of 4volts
(2). Units mounted on P.C.B with 0.51X 0.51” (13 X13mm) copper pads


Similar Part No. - DF10SA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DF10SA VISHAY-DF10SA Datasheet
27Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
25-Apr-03
DF10SA VISHAY-DF10SA Datasheet
104Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
30-Jan-08
DF10SA VISHAY-DF10SA Datasheet
94Kb / 4P
Miniature Glass Passivated Single-Phase Surface-Mount Bridge Rectifiers
09-Jul-2020
DF10SA-E3 VISHAY-DF10SA-E3 Datasheet
240Kb / 9P
Packaging Information
01-Feb-13
DF10SA-E3-77 VISHAY-DF10SA-E3-77 Datasheet
95Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
30-Jan-08
More results

Similar Description - DF10SA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DF15005S VISHAY-DF15005S Datasheet
161Kb / 3P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
09-Dec-04
DF005S VISHAY-DF005S_13 Datasheet
94Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
30-Jan-08
DF005SA-E3-77 VISHAY-DF005SA-E3-77 Datasheet
95Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
30-Jan-08
DF01S-E3-45 VISHAY-DF01S-E3-45 Datasheet
94Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
30-Jan-08
logo
Cystech Electonics Corp...
DB101SG CYSTEKEC-DB101SG Datasheet
140Kb / 3P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
DB106SG CYSTEKEC-DB106SG Datasheet
140Kb / 3P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
MB4ST08 CYSTEKEC-MB4ST08 Datasheet
291Kb / 3P
Miniature Glass Passivated Single Phase Surface Mount Bridge Rectifiers
logo
Vishay Siliconix
DF005SA VISHAY-DF005SA_13 Datasheet
87Kb / 5P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
19-Aug-13
logo
Surge Components
MB1S SURGE-MB1S Datasheet
409Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
logo
Shenzhen Yixinwei Techn...
MB2S YIXIN-MB2S Datasheet
222Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com