Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC108 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # KBPC108
Description  3A SINGLE-PHASE SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

KBPC108 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  KBPC108 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. KBPC108 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 03/10/2003
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, acompany
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
KBPC1005 THRU KBPC110
3A SINGLE-PHASE SILICON BRIDGE RECTIFIERS
Features
•
Surge overload rating-50 amperes peak
•
Low forward voltage drop
•
Small size: simple installation
•
Tinned copper leads
•
Mounting Position: Any
Absolute Maximum Ratings and Characteristics
Rating at 25
oC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or
inductive load, For capacitive load, derate current by 20%.
KBPC
1005
KBPC
101
KBPC
102
KBPC
104
KBPC
106
KBPC
108
KBPC
110
Units
Maximum Recurrent Peak Reverse Voltage
50
100
200
400
600
800
1000
V
Maximum RMS Bridge Input Voltage
35
70
140
280
420
560
700
V
Maximum Average Forward
Rectified Output Current
TC = 50
OC*
TC = 100
OC*
TA = 50
OC**
3
2
2
A
A
A
Peak Forward Surge Current, 8.3ms single half
sine-wave superimposed on rated load
50
A
Maximum Forward Voltage Drop per Bridge
Element at 1.5A Peak
1.1
V
Maximum Reverse Current at Rated
DC Blocking Voltage per Element
TA = 25
OC
TA = 100
OC
10
1
uA
mA
Operating Temperature Range TC
-55 to +125
OC
Storage Temperature Range TA
-55 to +150
OC
Notes: * Unit mounted on metal chassis
** Unit mounted on P.C. board


Similar Part No. - KBPC108

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
KBPC108 SEMTECH-KBPC108 Datasheet
120Kb / 2P
3.0A SINGLE - PHASE SILICON BRIDGE?
logo
Shanghai Sunrise Electr...
KBPC108 SSE-KBPC108 Datasheet
15Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC108 CHENYI-KBPC108 Datasheet
129Kb / 2P
SINGLE PHASE GLASS BRIDGE RECTIFIER
logo
Dc Components
KBPC108 DCCOM-KBPC108 Datasheet
406Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Leshan Radio Company
KBPC108 LRC-KBPC108 Datasheet
48Kb / 2P
3.0A BRIDGE RECTIFIERS
More results

Similar Description - KBPC108

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
2W005M SEMTECH_ELEC-2W005M Datasheet
129Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIERS
KBPC10005 SEMTECH_ELEC-KBPC10005 Datasheet
332Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIERS
KBL005 SEMTECH_ELEC-KBL005 Datasheet
259Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIERS
KBPC10005W SEMTECH_ELEC-KBPC10005W Datasheet
329Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIERS
RS801 SEMTECH_ELEC-RS801 Datasheet
246Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
RS10 CHENG-YI-RS10 Datasheet
145Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIERS
logo
Rugao Dachang Electroni...
GBP201G DACHANG-GBP201G Datasheet
278Kb / 2P
Single phase Silicon Bridge Rectifiers
GBP301G DACHANG-GBP301G Datasheet
284Kb / 2P
Single phase Silicon Bridge Rectifiers
logo
Chip Integration Techno...
D3K3005 CITC-D3K3005 Datasheet
488Kb / 3P
3A Miniature Glass Passivated Single-Phase Bridge Rectifiers
logo
New Jersey Semi-Conduct...
KBL005 NJSEMI-KBL005 Datasheet
83Kb / 1P
SINGLE - PHASE SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com