Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC5004 Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # KBPC5004
Description  HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

KBPC5004 Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  KBPC5004 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. KBPC5004 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dated : 19/07/2005
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, acompany
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
KBPC50005 THRU KBPC5010
Number of cycles at 50Hz
Maximum non-repetitive peak forward
surge current per element
Single sine wave (JEDEC method)
1
10
100
500
10
100
Percent of rated peak reverse voltage, %
Typical Reverse Leakage Characteristics
Per Bridge element
1
0
0.01
0.1
10
100
20
40
60
Tj=25 C
Tj=125 C
1000
100
80
60
50
40
30
20
10
100
CASE TEMPERATURE, C
50
0
150
FORWARD CURRENT DERATING CURVE
Tj=25 C
Pulse width=300 S
1% Duty Cycle
1.2
Forward voltage, V
0.4
0.01
0.1
0.8
1
10
2.0
1.6
Typical forward characteristics
per bridge element
100
f=1MHz
Tj=25 C
10
o
Typical junction capacitance
per bridge element
100
1000
Reverse voltage, V
1
10
100



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com