Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN65175 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65175
Description  QUADRUPLE DIFFERENTIAL LINE RECEIVERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65175 Datasheet(HTML) 1 Page - Texas Instruments

  SN65175 Datasheet HTML 1Page - Texas Instruments SN65175 Datasheet HTML 2Page - Texas Instruments SN65175 Datasheet HTML 3Page - Texas Instruments SN65175 Datasheet HTML 4Page - Texas Instruments SN65175 Datasheet HTML 5Page - Texas Instruments SN65175 Datasheet HTML 6Page - Texas Instruments SN65175 Datasheet HTML 7Page - Texas Instruments SN65175 Datasheet HTML 8Page - Texas Instruments SN65175 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SN65175, SN75175
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SLLS145B – OCTOBER 1990 – REVISED MAY 1995
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Meet or Exceed the Requirements of ANSI
Standard EIA/TIA-422-B, RS-423-B, and
RS-485
D Meet ITU Recommendations V.10, V.11,
X.26, and X.27
D Designed for Multipoint Bus Transmission
on Long Bus Lines in Noisy Environments
D 3-State Outputs
D Common-Mode Input Voltage Range
– 12 V to 12 V
D Input Sensitivity... ±200 mV
D Input Hysteresis...50 mV Typ
D High Input Impedance...12 kΩ Min
D Operate From Single 5-V Supply
D Low-Power Requirements
D Plug-In Replacement for MC3486
description
The SN65175 and SN75175 are monolithic quadruple differential line receivers with 3-state outputs. They are
designed to meet the requirements of ANSI Standards EIA/TIA-422-B, RS-423-B, and RS-485, and several ITU
recommendations. These standards are for balanced multipoint bus transmission at rates up to 10 megabits
per second. Each of the two pairs of receivers has a common active-high enable.
The receivers feature high input impedance, input hysteresis for increased noise immunity, and input sensitivity
of
±200 mV over a common-mode input voltage range of ±12 V. The SN65175 and SN75175 are designed for
optimum performance when used with the SN75172 or SN75174 quadruple differential line drivers.
The SN65175 is characterized for operation from – 40
°C to 85°C. The SN75175 is characterized for operation
from 0
°C to 70°C.
FUNCTION TABLE
(each receiver)
DIFFERENTIAL
ENABLE
OUTPUT
A – B
ENABLE
Y
VID ≥ 0.2 V
H
H
– 0.2 V < VID < 0.2 V
H
?
VID ≥ – 0.2 V
H
L
X
L
Z
Open circuit
H
?
H = high level, L = low level, ? = indeterminate,
X = irrelevant, Z = high impedance (off)
Copyright
© 1995, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1B
1A
1Y
1, 2EN
2Y
2A
2B
GND
VCC
4B
4A
4Y
3, 4EN
3Y
3A
3B
D OR N PACKAGE
(TOP VIEW)


Similar Part No. - SN65175

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65175 TI-SN65175 Datasheet
431Kb / 16P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN65175 TI1-SN65175 Datasheet
1,010Kb / 19P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN65175D TI-SN65175D Datasheet
431Kb / 16P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN65175D TI1-SN65175D Datasheet
1,010Kb / 19P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN65175DE4 TI-SN65175DE4 Datasheet
431Kb / 16P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
More results

Similar Description - SN65175

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26C32C TI-AM26C32C Datasheet
106Kb / 17P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55173 TI-SN55173 Datasheet
155Kb / 11P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55ALS195 TI-SN55ALS195 Datasheet
164Kb / 12P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_06 Datasheet
541Kb / 18P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN65175 TI-SN65175_06 Datasheet
431Kb / 16P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_07 Datasheet
903Kb / 23P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_10 Datasheet
1,008Kb / 24P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI1-AM26LS32AC_16 Datasheet
1Mb / 27P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN65175 TI1-SN65175_15 Datasheet
1,010Kb / 19P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55173 TI1-SN55173_15 Datasheet
791Kb / 20P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com