Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RB152 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # RB152
Description  1.5A SINGLE-PHASE SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

RB152 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  RB152 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. RB152 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 03/12/2002
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, acompany
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
RB151 THRU RB157
1.5A SINGLE-PHASE SILICON BRIDGE RECTIFIERS
Reverse Voltage – 50 to 1000 Volts
Forward Current – 1.5 Amperes
Features
• Surge overload rating - 50 amperes peak
• Ideal for printed circuit boards
• Reliable low cost construction utilizing molded
plastic technique results in inexpensive product
•
Mounting Position: Any
Absolute Maximum Ratings and Characteristics
Ratings at 25
oCambient temperature unless otherwise specified. Single-phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Symbols
RB
151
RB
152
RB
153
RB
154
RB
155
RB
156
RB
157
Units
Maximum recurrent peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward rectified current
at TA = 25
OC
I(AV)
1.5
A
Peak forward surge current ,
8.3mS single half sine-wave superimposed
on rated load
IFSM
50
A
Rating for fusing (t<8.35ms)
I
2t
5
A
2t
Maximum forward voltage drop per element at 1A peak
VF
1
V
Maximum reverse current at rated TA = 25
OC
DC blocking voltage per element TA = 100
OC
IR
10
1.0
µA
mA
Operating temperature range
TJ
-50 to +125
OC
Storage temperature range
TA
-50 to +150
OC


Similar Part No. - RB152

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
RB152 WTE-RB152 Datasheet
45Kb / 3P
1.5A BRIDGE RECTIFIER
logo
Rectron Semiconductor
RB152 RECTRON-RB152 Datasheet
22Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes)
logo
Semtech Corporation
RB152 SEMTECH-RB152 Datasheet
127Kb / 2P
1.5A SINGLE - PHASE SILICON BRIDGE????
logo
Bytes
RB152 BYTES-RB152 Datasheet
145Kb / 2P
SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS
logo
Shanghai Lunsure Electr...
RB152 CHENYI-RB152 Datasheet
136Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - RB152

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RB151 SEMTECH-RB151 Datasheet
127Kb / 2P
1.5A SINGLE - PHASE SILICON BRIDGE????
logo
SEMTECH ELECTRONICS LTD...
KBPC10005 SEMTECH_ELEC-KBPC10005 Datasheet
332Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIERS
KBL005 SEMTECH_ELEC-KBL005 Datasheet
259Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIERS
W005 SEMTECH_ELEC-W005 Datasheet
240Kb / 2P
1.5A SINGLE-PHASE SILICON BRIDGE RECTIFIERS
logo
Frontier Electronics.
W-005M FRONTIER-W-005M Datasheet
121Kb / 2P
1.5A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
W-005M-LFR FRONTIER-W-005M-LFR Datasheet
121Kb / 2P
1.5A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
logo
Formosa MS
KBP00 FORMOSA-KBP00 Datasheet
127Kb / 6P
1.5A Miniature Single-Phase Silicon Bridge Rectifiers-50-1000V
logo
Rugao Dachang Electroni...
GBP301G DACHANG-GBP301G Datasheet
284Kb / 2P
Single phase Silicon Bridge Rectifiers
logo
Chip Integration Techno...
DF151 CITC-DF151 Datasheet
91Kb / 3P
1.5A Miniature Glass Passivated Single-Phase Bridge Rectifiers
DF1505 CITC-DF1505 Datasheet
149Kb / 3P
1.5A Miniature Glass Passivated Single-Phase Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com